Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7512E-2K5 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7512E-2K5
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7512E-2K5 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7512E-2K5 Datasheet HTML 1Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 2Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 3Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 4Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 5Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 6Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 7Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 8Page - Texas Instruments DAC7512E-2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DAC7512
4
SBAS156B
www.ti.com
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
t1(3)
SCLK Cycle Time
VDD = 2.7V to 3.6V
50
ns
VDD = 3.6V to 5.5V
33
ns
t2
SCLK HIGH Time
VDD = 2.7V to 3.6V
13
ns
VDD = 3.6V to 5.5V
13
ns
t3
SCLK LOW Time
VDD = 2.7V to 3.6V
22.5
ns
VDD = 3.6V to 5.5V
13
ns
t4
SYNC to SCLK Rising
Edge Setup Time
VDD = 2.7V to 3.6V
0
ns
VDD = 3.6V to 5.5V
0
ns
t5
Data Setup Time
VDD = 2.7V to 3.6V
5
ns
VDD = 3.6V to 5.5V
5
ns
t6
Data Hold Time
VDD = 2.7V to 3.6V
4.5
ns
VDD = 3.6V to 5.5V
4.5
ns
t7
SCLK Falling Edge to
SYNC Rising Edge
VDD = 2.7V to 3.6V
0
ns
VDD = 3.6V to 5.5V
0
ns
t8
Minimum SYNC HIGH Time
VDD = 2.7V to 3.6V
50
ns
VDD = 3.6V to 5.5V
33
ns
NOTES: (1) All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. (2) See Serial Write Operation timing
diagram, below. (3) Maximum SCLK frequency is 30MHz at VDD = +3.6V to +5.5V and 20MHz at VDD = +2.7V to +3.6V.
TIMING CHARACTERISTICS(1, 2)
V
DD = +2.7V to +5.5V; all specifications –40°C to +105°C, unless otherwise noted.
DAC7512E, N
SERIAL WRITE OPERATION
SCLK
SYNC
D
IN
DB15
DB0
t
8
t
3
t
2
t
7
t
4
t
5
t
6
t
1


Similar Part No. - DAC7512E-2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7512E BURR-BROWN-DAC7512E Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512E/250 BURR-BROWN-DAC7512E/250 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512E/2K5 BURR-BROWN-DAC7512E/2K5 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7512E-2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Maxim Integrated Produc...
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com