Electronic Components Datasheet Search |
|
MKP18390.1147632G Datasheet(PDF) 5 Page - Vishay Siliconix |
|
MKP18390.1147632G Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 12 page MKP1839 www.vishay.com Vishay Roederstein Revision: 10-Dec-13 5 Document Number: 26022 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • Pitch = L + 3.5 mm (1) Not suitable for mains applications Note • For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 MOUNTING Normal Use The capacitors are designed for mounting on printed-circuit boards. The capacitors packed in bandoliers are designed for mounting in printed-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139 Specific Method of Mounting to Withstand Vibration and Shock In order to withstand vibration and shock tests, it must be ensured that the capacitors body is in good contact with the printed-circuit board. • For L < 19 mm capacitors shall be mechanically fixed by the leads • For larger pitches the capacitors shall be mounted in the same way and the body clamped • The maximum diameter and length of the capacitors are specified in the dimensions table • Eccentricity as shown in the drawing below Space Requirements on Printed-Circuit Board The maximum length and width of film capacitors is shown in drawing: • Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. • Product height with seating plane as given by IEC 60717 as reference: hmax. h + 0.4 mm or hmax. h’ + 0.4 mm 630 0.068 368 63 250 (1) 9.0 19.0 0.10 410 8.5 26.5 0.15 415 10.5 26.5 0.22 422 12.0 26.5 0.33 433 14.5 26.5 0.47 447 15.0 31.5 0.68 468 18.0 31.5 1.0 510 18.0 41.5 1.5 515 22.0 41.5 RECOMMENDED PACKAGING PACKAGING CODE TYPE OF PACKAGING REEL DIAMETER (mm) ORDERING CODE EXAMPLES G Ammo - MKP1839422403G x R Reel 350 MKP1839422403R x - Bulk for L > 31.5 mm - MKP1839522403 x ELECTRICAL DATA URDC (V) CAP. (μF) CAPACITANCE CODE VOLTAGE CODE VAC DIMENSIONS DL 1 mm |
Similar Part No. - MKP18390.1147632G |
|
Similar Description - MKP18390.1147632G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |