Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16901DGGRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74LVCH16901DGGRE4
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16901DGGRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVCH16901DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 9Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 10Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN74LVCH16901
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCES145C – OCTOBER 1998 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V(1)
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
125
125
125
125
MHz
CLK
4
3
3
3
tw
Pulse duration
ns
LE high
3
3
3
3
A, APAR or B, BPAR before CLK
4.7
2.7
2.8
2.5
tsu
Setup time
CLKEN before CLK
4.5
2.9
2.9
2.5
ns
A, APAR or B, BPAR before LE
0
2.2
2.1
2
A, APAR or B, BPAR after CLK
0
1.2
1.2
1.3
th
Hold time
CLKEN after CLK
0
1.3
1.3
1.5
ns
A, APAR or B, BPAR after LE
1
1.7
1.9
1.7
(1)
Texas Instruments SPICE simulation data
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V(1)
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
125
125
125
125
MHz
B or A
5.9
1
6.2
5.8
1
5.4
A or B
BPAR or APAR
12.7
2
9.9
8.6
2
7.7
BPAR or APAR
7
1
6.7
6.2
1
5.7
APAR or BPAR
ERRA or ERRB
13
2
10.7
9.7
2
8.5
ERRA or ERRB
9.9
1.5
9.7
8.9
1.5
7.8
ODD/EVEN
BPAR or APAR
10.4
1.5
9.3
8.6
1.5
7.5
SEL
BPAR or APAR
6.9
1
7.1
6.9
1
6.1
A or B
6.9
1
7.4
6.8
1
6.1
BPAR or APAR
8.5
1.5
8.1
7.3
1.5
6.6
tpd
ns
parity feedthrough
CLKAB or CLKBA
BPAR or APAR
14.1
2.5
11.2
9.7
2
8.7
parity generated
ERRA or ERRB
14.3
2.5
11.5
9.9
2
8.9
A or B
6.8
1
7
6.5
1
5.8
BPAR or APAR
7.9
1.5
7.7
7
1.5
6.3
parity feedthrough
LEAB or LEBA
BPAR or APAR
13.6
2.5
10.8
9.3
2
8.4
parity generated
ERRA or ERRB
13.5
2.5
10.9
9.5
2
8.5
ten
OEAB or OEBA
B, BPAR or A, APAR
6.8
1.4
7.3
7.1
1
6.3
ns
tdis
OEAB or OEBA
B, BPAR or A, APAR
6.9
1.3
7.1
6.2
1.5
5.9
ns
ten
OEAB or OEBA
ERRA or ERRB
7.4
1.4
7.2
6.5
1
5.9
ns
tdis
OEAB or OEBA
ERRA or ERRB
9.3
1.3
8.3
7.5
1
6.7
ns
ten
SEL
ERRA or ERRB
7.6
1.4
7.7
7.5
1
6.5
ns
tdis
SEL
ERRA or ERRB
7.8
1.3
7.4
6.4
1.5
5.9
ns
(1)
Texas Instruments SPICE simulation data
7
Not Recommended For New Designs


Similar Part No. - 74LVCH16901DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH16952ADGGRE4 TI1-74LVCH16952ADGGRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGGRG4 TI1-74LVCH16952ADGGRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRE4 TI1-74LVCH16952ADGVRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRG4 TI1-74LVCH16952ADGVRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADLRG4 TI1-74LVCH16952ADLRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
More results

Similar Description - 74LVCH16901DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16901 TI1-SN74ALVC16901 Datasheet
169Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901 TI-SN74ALVCH16901 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com