Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1210LCJ-1 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC1210LCJ-1
Description  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1210LCJ-1 Datasheet(HTML) 2 Page - Texas Instruments

  DAC1210LCJ-1 Datasheet HTML 1Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 2Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 3Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 4Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 5Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 6Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 7Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 8Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLH5690
February 1995
MICRO-DAC
TM DAC1208DAC1209DAC1210DAC1230
DAC1231DAC1232 12-Bit mP Compatible
Double-Buffered D to A Converters
General Description
The DAC1208 and the DAC1230 series are 12-bit multiply-
ing D to A converters designed to interface directly with a
wide variety of microprocessors (8080 8048 8085 Z-80
etc) Double buffering input registers and associated con-
trol lines allow these DACs to appear as a two-byte ‘‘stack’’
in the system’s memory or IO space with no additional in-
terfacing logic required
The DAC1208 series provides all 12 input lines to allow sin-
gle buffering for maximum throughput when used with 16-bit
processors These input lines can also be externally config-
ured to permit an 8-bit data interface The DAC1230 series
can be used with an 8-bit data bus directly as it internally
formulates the 12-bit DAC data from its 8 input lines All of
these DACs accept left-justified data from the processor
The analog section is a precision silicon-chromium (Si-Cr)
R-2R ladder network and twelve CMOS current switches
An inverted R-2R ladder structure is used with the binary
weighted currents switched between the IOUT1 and IOUT2
maintaining a constant current in each ladder leg indepen-
dent of the switch state Special circuitry provides TTL logic
input voltage level compatibility
The DAC1208 series and DAC1230 series are the 12-bit
members of a family of microprocessor compatible DACs
(MICRO-DACsTM) For applications requiring other resolu-
tions the DAC1000 series for 10-bit and DAC0830 series
for 8-bit are available alternatives
Features
Y
Linearity specified with zero and full-scale adjust only
Y
Direct interface to all popular microprocessors
Y
Double-buffered single-buffered or flow through digital
data inputs
Y
Logic inputs which meet TTL voltage level specs (14V
logic threshold)
Y
Works with g10V referencefull 4-quadrant
multiplication
Y
Operates stand-alone (without mP) if desired
Y
All parts guaranteed 12-bit monotonic
Y
DAC1230 series is pin compatible with the DAC0830
series 8-bit MICRO-DACs
Key Specifications
Y
Current Settling Time
1 ms
Y
Resolution
12 Bits
Y
Linearity (Guaranteed
over temperature)
10 11 or 12 Bits of FS
Y
Gain Tempco
13 ppm C
Y
Low Power Dissipation
20 mW
Y
Single Power Supply
5 VDC to 15 VDC
Typical Application
TLH5690 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corp
MICRO-DACTM is a trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DAC1210LCJ-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1210LCJ-1 NSC-DAC1210LCJ-1 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1210LCJ-1 NSC-DAC1210LCJ-1 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Similar Description - DAC1210LCJ-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com