Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QML Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC121S101QML
Description  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Datasheet(HTML) 1 Page - Texas Instruments

  DAC121S101QML_16 Datasheet HTML 1Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 2Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 3Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 4Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 5Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 6Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 7Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 8Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VA
GND
1
10
N/C
DIN
2
9
N/C
SCLK
3
8
4
7
N/C
N/C
5
6
VOUT
SYNC
DAC121S101QML
www.ti.com
SNAS410E – MAY 2008 – REVISED MARCH 2013
DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Check for Samples: DAC121S101QML
1
FEATURES
DESCRIPTION
The DAC121S101 is a full-featured, general purpose
2
Total Ionizing Dose 100 krad(Si)
12-bit
voltage-output
digital-to-analog
converter
Single Event Latch-up 120 MeV-cm2/mg
(DAC) that can operate from a single +2.7 V to 5.5 V
Guaranteed Monotonicity
supply and consumes just 177 µA of current at 3.6 V.
The on-chip output amplifier allows rail-to-rail output
Low Power Operation
swing and the three wire serial interface operates at
Rail-to-Rail Voltage Output
clock rates up to 20 MHz over the specified supply
Power-on Reset to Zero Volts Output
voltage range and is compatible with standard SPI,
QSPI, MICROWIRE and DSP interfaces.
SYNC Interrupt Facility
Wide power supply range (+2.7 V to +5.5 V)
The supply voltage for the DAC121S101 serves as its
voltage reference, providing the widest possible
Small Packages
output dynamic range. A power-on reset circuit
Power Down Feature
ensures that the DAC output powers up to zero volts
and remains there until there is a valid write to the
APPLICATIONS
device.
A
power-down
feature
reduces
power
consumption to less than a microWatt.
Battery-Powered Instruments
Digital Gain and Offset Adjustment
The low power consumption and small packages of
the DAC121S101 make it an excellent choice for use
Programmable Voltage & Current Sources
in battery operated equipment.
Programmable Attenuators
The
DAC121S101
operates
over
the
extended
temperature range of -55°C to +125°C.
KEY SPECIFICATIONS
See
Radiation
Environments
for
dose
rate
Resolution: 12 bits
environment information.
DNL: +0.21, -0.10 LSB (typ)
Output Settling Time: 12.5 µs (typ)
Zero Code Error: 2.1 mV (typ)
Full-Scale Error:
−0.04 %FS (typ)
Power Dissipation
Normal Mode: 0.52 mW (3.6 V) / 1.19 mW
(5.5 V) typ
Power Down Mode: 0.014 µW (3.6 V) / 0.033
µW (5.5 V) typ
Connection Diagram
Top View
Figure 1. 10 Lead CLGA Package
See Package Number NAC0010A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com