Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73K222AU-IH Datasheet(PDF) 7 Page - TDK Electronics

Part # 73K222AU-IH
Description  Single-Chip Modem Modem with UART
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K222AU-IH Datasheet(HTML) 7 Page - TDK Electronics

Back Button 73K222AU-IH Datasheet HTML 3Page - TDK Electronics 73K222AU-IH Datasheet HTML 4Page - TDK Electronics 73K222AU-IH Datasheet HTML 5Page - TDK Electronics 73K222AU-IH Datasheet HTML 6Page - TDK Electronics 73K222AU-IH Datasheet HTML 7Page - TDK Electronics 73K222AU-IH Datasheet HTML 8Page - TDK Electronics 73K222AU-IH Datasheet HTML 9Page - TDK Electronics 73K222AU-IH Datasheet HTML 10Page - TDK Electronics 73K222AU-IH Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
73K222AU
Single-Chip Modem
with UART
7
UART CONTROL INTERFACE (STNDLN = 1)
(See Figure 1: Single-port mode)
NAME
DIP
PLCC
TYPE
DESCRIPTION
ADS
23
25
I
Address Strobe.
ADS is used to latch address and chip select to
simplify interfacing to a multiplexed Address/Data Bus. UA0-
UA3 and
CS@ are latched when the ADS signal goes high.
UA3
12
14
I
UART Address Bit 3. UA3 is used in single-port mode to address
the modem registers from the 16C450 interface. If UA3 is 0, the
normal 16C450 registers are addressed by UA0-UA2 and if UA3
is 1, the modem registers are addressed. UA3 is latched when
ADS goes high.
CTS
14
16
I
Clear to Send. This pin is the complement of CTS bit in the
Modem Status Register. The signal is used in modem
handshake control to signify that communications have been
established and that data can be transmitted.
DSR
13
15
I
Data Set Ready. This pin is the complement of DSR bit in the
Modem Status Register. The signal is used in modem
handshake to signify that the modem is ready to establish
communications.
DCD
11
13
I
Data Carrier Detect. This pin is the complement of DCD bit in
the Modem Status Register. The signal is used in modem control
handshake to signify that the modem is receiving a carrier.
DTR
22
24
O
Data Terminal Ready. The
DTR output is programmed through a
bit in the Modem Control Register. The signal is used in modem
handshake to signify that the 16C450 is available to
communicate.
RTS
23
O
Request to Send. The
RTS output is programmed through a bit
in the Modem Control Register. The signal is used in modem
handshake to signify that the 16C450 has data to transmit.
RI
810
I
Ring Indicator. This Indicates that a telephone ringing signal is
being received. This pin is the complement of the RI bit in the
Modem Status Register.


Similar Part No. - 73K222AU-IH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
logo
TDK Electronics
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
More results

Similar Description - 73K222AU-IH

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com