Electronic Components Datasheet Search |
|
74AVCBH164245GRG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
74AVCBH164245GRG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 17 page www.ti.com SWITCHING CHARACTERISTICS OPERATING CHARACTERISTICS Output Description 136 -128 -144 -160 0.4 0.8 1.2 1.6 2.0 2.4 2.8 170 153 119 102 85 68 51 34 17 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 TA = 25°C Process = Nominal IOL - Output Current - mA VCC = 3.3 V VCC = 2.5 V VCC = 1.8 V TA = 25°C Process = Nominal IOH - Output Current - mA VCC = 3.3 V VCC = 2.5 V VCC = 1.8 V -80 -96 -112 -48 -64 -16 -32 SN74AVCBH164245 16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES393B – JUNE 2002 – REVISED MARCH 2008 over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.5 5.9 1.7 5.4 1.5 3.7 1.4 3.1 tpd ns B A 1.3 4.5 1.6 3.8 1.5 3.3 1.4 3.1 A 2.6 8.3 2.5 7.4 2.2 5.2 1.9 4.1 ten OE ns B 1.6 4.9 2 4.5 2 4.3 1.9 4.1 A 2.3 7 3 6 1.3 3.5 1.2 3.5 tdis OE ns B 1.3 6.9 2.1 5.5 1.6 3.8 1.5 3.5 VCCA and VCCB = 3.3 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Outputs enabled 14 Power dissipation capacitance per transceiver, A-port input, B-port output Outputs disabled 7 CpdA CL = 0, f = 10 MHz pF (VCCA) Outputs enabled 20 Power dissipation capacitance per transceiver, B-port input, A-port output Outputs disabled 7 Outputs enabled 20 Power dissipation capacitance per transceiver, A-port input, B-port output Outputs disabled 7 CpdB CL = 0, f = 10 MHz pF (VCCB) Outputs enabled 14 Power dissipation capacitance per transceiver, B-port input, A-port output Outputs disabled 7 The DOC™ circuitry is implemented, which, during the transition, initially lowers the output impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry Technology and Applications, literature number SCEA009. Figure 1. Typical Output Voltage vs Output Current Copyright © 2002–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): SN74AVCBH164245 |
Similar Part No. - 74AVCBH164245GRG4 |
|
Similar Description - 74AVCBH164245GRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |