Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72CPQ030 Datasheet(PDF) 4 Page - International Rectifier

Part # 72CPQ030
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

72CPQ030 Datasheet(HTML) 4 Page - International Rectifier

  72CPQ030 Datasheet HTML 1Page - International Rectifier 72CPQ030 Datasheet HTML 2Page - International Rectifier 72CPQ030 Datasheet HTML 3Page - International Rectifier 72CPQ030 Datasheet HTML 4Page - International Rectifier 72CPQ030 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
72CPQ030
www.irf.com
PD-20557 rev. B 11/99
4
Fig.7-Max. Non-Repetitive Surge Current (PerLeg)
Fig.5-Max. Allowable CaseTemperature
Vs. Average Forward Current (PerLeg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig.6-Forward Power Loss Characteristics
(PerLeg)
FREE-WHEEL
DIODE
40HFL40S02
C URRENT
MON ITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x R thJC ;
Pd = Forward Power Loss = I
F(AV)
x V
FM
@ (I
F(AV)
/ D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
0
5
10
15
20
25
0
102030
4050
DC
F(AV)
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Average Forward Current - I
(A)
100
1000
10000
10
10 0
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)
100
110
120
130
140
150
0 5 10 15 20 25 30 35 40 45 50 55
DC
F(AV)
see note (2)
Square wave (D = 0.50)
80% Rated V applied
R
Average Forward Current - I
(A)


Similar Part No. - 72CPQ030

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
72CPQ030 SEMICOA-72CPQ030 Datasheet
99Kb / 3P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
72CPQ030 VISHAY-72CPQ030 Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 35 A
Revision: 21-Aug-08
72CPQ030-N3 VISHAY-72CPQ030-N3 Datasheet
183Kb / 7P
   Schottky Rectifier, 2 x 35 A
Revision: 31-Aug-11
logo
International Rectifier
72CPQ030PBF IRF-72CPQ030PBF Datasheet
206Kb / 6P
   SCHOTTKY RECTIFIER 70 Amp
logo
Vishay Siliconix
72CPQ030PBF VISHAY-72CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 35 A
Revision: 13-Aug-08
More results

Similar Description - 72CPQ030

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com