Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC-M2504RI Datasheet(PDF) 1 Page - LUMEX INC.

Part # LDC-M2504RI
Description  0.25 QUAD DIGIT SEGMENT, CLOCK DISPLAY, 635MM RED, MULTIPLEXED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDC-M2504RI Datasheet(HTML) 1 Page - LUMEX INC.

  LDC-M2504RI Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDC-M2504RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDC-M2812RI LUMEX-LDC-M2812RI Datasheet
63Kb / 1P
   0.28 SEVEN SEGMENT, LED CLOCK DISPLAY, 565mm GREEN CHIPS
LDC-M2814RI-SI LUMEX-LDC-M2814RI-SI Datasheet
63Kb / 1P
   0.28" SEVEN SEGMENT, LED CLOCK DISPLAY. 636nm RED CHIPS
More results

Similar Description - LDC-M2504RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDC-N3014RI LUMEX-LDC-N3014RI Datasheet
64Kb / 1P
   0.30 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY, 635mm RED, MULTIPLEXED, COMMON ANODE, GREY FONT/WHITE SEGMENTS
LDC-M3004RI LUMEX-LDC-M3004RI Datasheet
64Kb / 1P
   0.30 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY, 635mm RED, MULTIPLEXED, COMMON ANODE, GREY FONT/WHITE SEGMENTS
LDC-N3004RI LUMEX-LDC-N3004RI Datasheet
66Kb / 1P
   0.30 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY, 635mm RED CHIPS
LDS-C514RI LUMEX-LDS-C514RI Datasheet
45Kb / 2P
   56 SINGLE DIGIT, SEVEN SEGMENT DISPLAY, 635mm, RED
LDC-N2504RO-12MM LUMEX-LDC-N2504RO-12MM Datasheet
64Kb / 1P
   .25 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY
LDC-N2502RI LUMEX-LDC-N2502RI Datasheet
64Kb / 1P
   .25 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY
LDC-N5616NI LUMEX-LDC-N5616NI Datasheet
60Kb / 1P
   0.56 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY
LDC-MA154R LUMEX-LDC-MA154R Datasheet
63Kb / 1P
   1.50 LED CLOCK DISPLAY, 635mm RED CHIPS
logo
BetLux Electronics
BL-Q25G-41 BETLUX-BL-Q25G-41 Datasheet
325Kb / 5P
   6.20mm (0.25) Four digit Seven Segment LED display series
BL-Q25K-41 BETLUX-BL-Q25K-41 Datasheet
333Kb / 5P
   6.20mm (0.25) Four digit Seven Segment LED display series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com