Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALVTH32373 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ALVTH32373
Description  2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALVTH32373 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ALVTH32373_14 Datasheet HTML 1Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 2Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 3Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 4Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 5Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 6Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 7Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 8Page - Texas Instruments SN54ALVTH32373_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN54ALVTH32373, SN74ALVTH32373
2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES322A – FEBRUARY 2000 – REVISED APRIL 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALVTH32373
SN74ALVTH32373
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.3 V,
II = –18 mA
–1.2
–1.2
V
V
VCC = 2.3 V to 2.7 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
V
VOH
VCC = 2.3 V
IOH = –6 mA
1.8
V
OH
VCC = 2.3 V
IOH = –8 mA
1.8
V
VCC = 2.3 V to 2.7 V,
IOL = 100 µA
0.2
0.2
V
V
V
= 2.3 V
IOL = 6 mA
0.4
V
VOL
VCC = 2.3 V
IOL = 8 mA
0.4
V
OL
VCC = 2.3 V
IOL = 18 mA
0.5
IOL = 24 mA
0.5
I
Control inputs
VCC = 2.7 V,
VI = VCC or GND
±1
±1
A
I
Control inputs
VCC = 0 or 2.7 V,
VI = 5.5 V
10
10
A
II
Data inputs
V
= 2.7 V
VI = 5.5 V
10
10
µA
I
Data inputs
VCC = 2.7 V
VI = VCC
1
1
CC
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IBHL‡
VCC = 2.3 V,
VI = 0.7 V
115*
115
µA
IBHH§
VCC = 2.3 V,
VI = 1.7 V
–10*
–10
µA
IBHLO¶
VCC = 2.7 V,
VI = 0 to VCC
300*
300
µA
IBHHO#
VCC = 2.7 V,
VI = 0 to VCC
–300*
–300
µA
IEX||
VCC = 2.3 V,
VO = 5.5 V
125
125
µA
IOZ(PU/PD)k
VCC ≤ 1.2 V, VO = 0.5 V to VCC,
VI = GND or VCC, OE = don’t care
±100
±100
µA
IOZH
VCC = 2.7 V
VO = 2.3 V,
VI = 0.7 V or 1.7 V
5
5
µA
IOZL
VCC = 2.7 V
VO = 0.5 V,
VI = 0.7 V or 1.7 V
–5
–5
µA
I
VCC = 2.7 V,
Outputs high
0.04
0.1
0.04
0.1
mA
ICC
VCC = 2.7 V,
IO = 0,
V = V
or GND
Outputs low
2.3
4.5
2.3
4.5
mA
CC
O
VI = VCC or GND
Outputs disabled
0.04
0.1
0.04
0.1
Ci
VCC = 2.5 V,
VI = 2.5 V or 0
3.5
3.5
pF
Co
VCC = 2.5 V,
VO = 2.5 V or 0
6
6
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 2.5 V, TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.
|| Current into an output in the high state when VO > VCC
kHigh-impedance state during power up or power down
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ALVTH32373_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALVTH32373_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373_07 Datasheet
556Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com