Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBQ-12-33-D48 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # RBQ-12-33-D48
Description  Quarter-Brick 400-Watt Isolated DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

RBQ-12-33-D48 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  RBQ-12-33-D48 Datasheet HTML 1Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 2Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 3Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 4Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 5Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 6Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 7Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 8Page - Murata Power Solutions Inc. RBQ-12-33-D48 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.murata-ps.com/support
RBQ-12/33-D48xB-C
Quarter-Brick 400-Watt Isolated DC-DC Converters
MDC_RBQ-12/33-D48.A07Δ Page 4 of 15
Total Output Power
See Derating
0
386
391
W
Voltage
Nominal Output Voltage
Measured @ 48Vin, Full Load.
11.4
11.7
12.5
Vdc
Nominal Output Voltage
Measured @ 48Vin, Half Load.
11.55
11.7
11.85
Vdc
Total Output Range
Over sample load (0-33A), input line (40-75V)
and temperature (see derating curves) , for
regular model and S option
11
12.5
V
Vout Overshoot
12.9
13.1
V
Voltage
Output Voltage
(initial output set point @48V, no load)
For S option only
11.7
12.5
Vdc
Output Voltage
(initial output set point @48V, 50% load)
For S option only
11.685
11.715
Vdc
Output Voltage
(initial output set point @48V, 100% load)
For S option only
11.5
11.7
Vdc
Output Voltage
For S option only: total output range (input line,
load, temperature, samples)
11.0
12.5
Vdc
Overvoltage Protection
Output Voltage clamped (see technical note)
N/A
V
Current
Output Current Range
033
33
A
Minimum Load
No minimum load
Current Limit Inception
98% of Vnom., after warmup
40
46
50
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within 1.25%
of Vout
6A
Short Circuit Duration
(remove short for recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
Line Regulation
Vin=40 to 75V
+1/-2
%
Load Regulation
Iout=min. to max., Vin=48V
±3
%
Ripple and Noise
5 Hz- 20 MHz BW
100
200
mV pk-pk
Temperature Coefficient
At all outputs
0.003
0.02
% of Vnom./°C
Maximum Capacitive Loading
(10% ceramic, 90% Oscon)
Cap. ESR=<0.02Ω, Full resistive load
470
6000
μF
MECHANICAL (Through Hole Models)
Outline Dimensions
2.3 x 1.45 x 0.5
Inches
58.4 x 36.8 x 12.7
mm
Weight
2.4
Ounces
69
Grams
Through Hole Pin Diameter
Input pins
0.04 ±0.001
Inches
1.016±0.025
mm
Through Hole Pin Diameter
Output pins
0.060 ±0.001
Inches
1.524±0.025
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
100-299
μ-inches
Gold overplate
3.9-20
μ-inches
ENVIRONMENTAL
Operating Ambient Temperature Range
With derating, full power, no condensation,
components +125˚C. max.
-40
85
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured at hotspot
115
125
130
°C
Operating baseplate temperature
-40
110
120
°C
Electromagnetic Interference
Conducted, EN55022/CISPR22
External filter is required
B
Class
Relative humidity, non-condensing
To +85°C
10
90
%RH
Altitude
must derate -1%/1000 feet
-500
10,000
feet
-152
3048
meters
RoHS rating
RoHS-6
Notes
➀ Unless otherwise noted, all specifications are at nominal input voltage, nominal output voltage
and full load. General conditions are +25˚ Celsius ambient temperature, near sea level altitude,
natural convection airflow. All models are tested and specified with external parallel 1μF, 10μF
and 470 μF output capacitors and 220 μF external input capacitor. All capacitors are low-ESR
types wired close to the converter. These capacitors are necessary for our test equipment and
may not be needed in the user’s application.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth. Input filtering
is Cbus = 220 μF, Cin = 220 μF and Lbus = 4.7 μH.
➂ All models are stable and regulate to specification under no load.
➃ The Remote On/Off Control is referred to -Vin.
➄ Regulation specifications describe the output voltage changes as the line voltage or load current
is varied from its nominal or midpoint value to either extreme.
FUNCTIONAL SPECIFICATIONS (CONT.)


Similar Part No. - RBQ-12-33-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
RBQ-12/33-D48 MURATA-RBQ-12/33-D48 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
More results

Similar Description - RBQ-12-33-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com