Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25046DQCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25046DQCT
Description  Wireless Power Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25046DQCT Datasheet(HTML) 3 Page - Texas Instruments

  BQ25046DQCT Datasheet HTML 1Page - Texas Instruments BQ25046DQCT Datasheet HTML 2Page - Texas Instruments BQ25046DQCT Datasheet HTML 3Page - Texas Instruments BQ25046DQCT Datasheet HTML 4Page - Texas Instruments BQ25046DQCT Datasheet HTML 5Page - Texas Instruments BQ25046DQCT Datasheet HTML 6Page - Texas Instruments BQ25046DQCT Datasheet HTML 7Page - Texas Instruments BQ25046DQCT Datasheet HTML 8Page - Texas Instruments BQ25046DQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
bq25046
www.ti.com
SLUSA83 – SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VUVLO
Under-voltage lock-out
VIN: 0V → 4 V
3.15
3.30
3.45
V
VHYS-UVLO
Hysteresis on UVLO
VIN: 4V → 0 V
200
260
320
mV
VOVP
Input over-voltage protection threshold
VIN: 13V → 17 V
14.5
15.0
15.5
V
VHYS-OVP
Hysteresis on OVP
VIN: 17V → 13 V
150
mV
tBLK(OVP)
Input over-voltage blanking time
115
ms
Time measured from VIN: 17V → 13V 1ms
tREC(OVP)
Input over-voltage recovery time
500
ms
fall-time to CHG = LO, VOUT = 3.5 V
USB100 programmed by EN1/EN2,
USB input I-Limit 100mA
85
91
96
RISET < 1.1 kΩ
IIN-USB-CL
mA
USB500 programmed by EN1/EN2,
USB input I-Limit 400mA
360
400
440
RISET < 1.1 kΩ
ISET SHORT CIRCUIT TEST
RISET: 500 ≥ 200, IC latches off after
RISET
Continuous Monitor
300
460
Ω
tDGL-SHORT
Deglitch time transition from ISET to IC latched
tDGL-SHORT
1.5
ms
off
ILIM-ISET-SHRT
Current limit with ISET shorted
ISET = 0V, IC latches off after tDGL-SHORT
1.5
1.9
2.2
A
QUIESCENT CURRENT
IOUT(PDWN)
Quiescent current into OUT
VIN = 0V
1
mA
VIN ≤ 10V, EN1=EN2=Hi
400
IIN(STDBY)
Standby current into IN pin
mA
VIN < 16V, EN1=EN2=Hi
800
VIN = 6V, no load on OUT pin,
ICC
Active supply current, IN pin
3
mA
VOUT > VOUT(REG), IC enabled
OUT
VOUT(REG)
Output voltage
4.9
5.0
5.1
V
VOUT(REG) > VOUT > VLOWV, VIN = 5V,
IOUT
Programmed Output current limit range
RISET = 470 to 7.5 kΩ,
100
1100
mA
User Programmable set by EN1/EN2
VDO(IN-OUT)
VIN – VOUT
VIN = 4.9V and IOUT = 1 A
280
512
mV
VOUT(REG) > VOUT > VLOWV, VIN = 5V,
IOUT
Output current limit formula
KISET/RI SET
A
User Programmable set by EN1/EN2
KISET
Current limit factor
480
530
580
A
Ω
VDD3.3
VVDD3.3
VDD3.3 Output Voltage
3.2
3.3
3.4
V
IVDD3.3(Max)
VDD3.3 Maximum Output Current
15
mA
THERMAL REGULATION
TJ(REG)
Temperature Regulation Limit
115
125
135
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON EN1, EN2
VIL
Logic LOW input voltage
0.4
V
VIH
Logic HIGH input voltage
1.4
V
RPULLDOWN
Pulldown resistor for EN1 and EN2
260
k
Ω
LOGIC LEVELS ON CHG AND PG
VOL
Output LOW voltage
ISINK = 5 mA
0.4
V
IIH
Leakage current
V/CHG = V/PG =5 V
5
mA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq25046


Similar Part No. - BQ25046DQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25046 TI-BQ25046 Datasheet
1Mb / 19P
[Old version datasheet]   1.1A, Single-Input 5-V Power Supply IC for Wireless Power Applications
More results

Similar Description - BQ25046DQCT

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210LW HOPE-RFM210LW Datasheet
1Mb / 17P
   Wireless applications
logo
Renesas Technology Corp
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
   Wireless Power Receiver for Low Power Applications
May 5, 2022
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
   Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
   Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
   Wireless Power Transmitter for ≤3W Applications
May 17, 2016
logo
Advanced Crystal Techno...
ACTFF374S ACT-ACTFF374S Datasheet
157Kb / 5P
   Wireless LAN applications
SEPT 04
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM376-2 STMICROELECTRONICS-STM376-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com