Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25046DQCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25046DQCR
Description  Wireless Power Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25046DQCR Datasheet(HTML) 2 Page - Texas Instruments

  BQ25046DQCR Datasheet HTML 1Page - Texas Instruments BQ25046DQCR Datasheet HTML 2Page - Texas Instruments BQ25046DQCR Datasheet HTML 3Page - Texas Instruments BQ25046DQCR Datasheet HTML 4Page - Texas Instruments BQ25046DQCR Datasheet HTML 5Page - Texas Instruments BQ25046DQCR Datasheet HTML 6Page - Texas Instruments BQ25046DQCR Datasheet HTML 7Page - Texas Instruments BQ25046DQCR Datasheet HTML 8Page - Texas Instruments BQ25046DQCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
bq25046
SLUSA83 – SEPTEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER(1)
VOUT(REG)
VOVP
VVDD3.3
MARKING
bq25046DQCR
5.0 V
15 V
3.3 V
OFS
bq25046DQCT
5.0 V
15 V
3.3 V
OFS
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
Input Voltage
IN (with respect to VSS)
–0.3 V
30 V
Output Voltage
OUT, VDD3.3, CHG, PG (with respect to VSS)
–0.3 V
7 V
Input voltage
EN1, EN2, ISET (with respect to VSS)
–0.3 V
7 V
Input Current
IN
1.5 A
OUT
1.5 A
Output Current
(Continuous)
VDD3.3
100 mA
Output Sink Current
CHG, PG
15 mA
Junction temperature, TJ
–40 °C
150 °C
Storage temperature, TSTG
–65 °C
150 °C
ESD protection
HBM
2 kV
CDM
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
THERMAL INFORMATION
bq25046
THERMAL METRIC(1)
DFN
UNITS
10 PINS
qJA
Junction-to-ambient thermal resistance
71.9
qJCtop
Junction-to-case (top) thermal resistance
65.2
qJB
Junction-to-board thermal resistance
85.2
°C/W
yJT
Junction-to-top characterization parameter
0.6
yJB
Junction-to-board characterization parameter
29.6
qJCbot
Junction-to-case (bottom) thermal resistance
5.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
IN voltage range
3.3
26
VIN
V
IN operating voltage range
3.3
9
IIN
Input current, IN pin
1.5
A
IOUT
Current, OUT pin
1.5
A
TJ
Junction Temperature
–40
125
ºC
RISET
Current limit programming resistor
470
5360
Ω
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq25046


Similar Part No. - BQ25046DQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25046 TI-BQ25046 Datasheet
1Mb / 19P
[Old version datasheet]   1.1A, Single-Input 5-V Power Supply IC for Wireless Power Applications
More results

Similar Description - BQ25046DQCR

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210LW HOPE-RFM210LW Datasheet
1Mb / 17P
   Wireless applications
logo
Renesas Technology Corp
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
   Wireless Power Receiver for Low Power Applications
May 5, 2022
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
   Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
   Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
   Wireless Power Transmitter for ≤3W Applications
May 17, 2016
logo
Advanced Crystal Techno...
ACTFF374S ACT-ACTFF374S Datasheet
157Kb / 5P
   Wireless LAN applications
SEPT 04
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM376-2 STMICROELECTRONICS-STM376-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com