Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ26200PWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ26200PWRG4
Description  COLOUMB COUNTER AND FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26200PWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ26200PWRG4 Datasheet HTML 5Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 6Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 7Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 8Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 9Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 10Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 11Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 12Page - Texas Instruments BQ26200PWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
bq26200
SLUS509A − DECEMBER 2001 − REVISED NOVEMBER 2004
9
www.ti.com
APPLICATION INFORMATION
sleep mode operation
The bq26200 begins low-power operation in response to the host issuing the sleep command. Before entering
the low-power state, the host processor writes the command to transfer the registers to flash. After the sleep
command is sent and the charge/discharge activity is less than the value indicated by the WOE bits shown in
Table 3, the chip clock is powered down and data acquisition functions cease except for self-discharge
detection. During device sleep the bq26200 periodically wakes briefly to maintain the self-discharge registers.
The bq26200 wakes on either a low-to-high or high-to-low transition on the HDQ pin.
Table 2. Operational States
MODE
ACTIVE REGISTERS
Normal
CCR, DCR, CTC, DTC, SDR
Sleep
SDR
Table 3. WOE Thresholds
WOE3–1 (HEX)
VWOE (mV)
0h
n/a
1h
3.516
2h
1.758
3h
1.172
4h
0.879
5h
0.703
6h
0.586
7h*
0.502
current sense offset calibration and compensation
The bq26200 automatically and continuously compensates for V(SRP) − V(SRN)) offset. No host calibration or
compensation is required.
gas gauge control registers
The host maintains the charge and discharge and the self-discharge count registers (CCR, CTC, DCR, DTC,
and SCR). To facilitate this maintenance, the bq26200 CLR register resets the specific counter or register pair
to zero. The host system clears a register by writing the corresponding register bit to 1. When the bq26200
completes the reset, the corresponding bit in the CLR register is automatically reset to 0. Clearing the DTC or
CTC registers clears the MODE register bits STC/STD and sets the CTC/DTC count rates to the default value
of 1.138 counts per second.
device temperature measurement
The bq26200 reports die temperature in units of oK through register pair TMPH-TMPL. Refer to the TMP register
description for more details.


Similar Part No. - BQ26200PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200PW TI-BQ26200PW Datasheet
253Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
More results

Similar Description - BQ26200PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26200 TI-BQ26200 Datasheet
253Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
logo
Micron Technology
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
   FLASH AND SRAM COMBO MEMORY
logo
SPANSION
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
logo
Micron Technology
MT28C3214P2FL MICRON-MT28C3214P2FL Datasheet
520Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C6428P20 MICRON-MT28C6428P20 Datasheet
571Kb / 48P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
logo
Analog Devices
ADMCF340 AD-ADMCF340_15 Datasheet
430Kb / 40P
   64-Lead Flash and ROM Memory
REV. A
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com