Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25890RTWT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25890RTWT
Description  Adjustable Voltage USB On-the-Go Boost Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25890RTWT Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25890RTWT Datasheet HTML 6Page - Texas Instruments BQ25890RTWT Datasheet HTML 7Page - Texas Instruments BQ25890RTWT Datasheet HTML 8Page - Texas Instruments BQ25890RTWT Datasheet HTML 9Page - Texas Instruments BQ25890RTWT Datasheet HTML 10Page - Texas Instruments BQ25890RTWT Datasheet HTML 11Page - Texas Instruments BQ25890RTWT Datasheet HTML 12Page - Texas Instruments BQ25890RTWT Datasheet HTML 13Page - Texas Instruments BQ25890RTWT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
10
bq25890, bq25892
SLUSC86B – MARCH 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: bq25890 bq25892
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT > VSLEEP, TJ = –40°C to +125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY CHARGER
VBAT(REG_RANG
E)
Typical charge voltage range
3.840
4.608
V
VBAT(REG_STEP) Typical charge voltage step
16
mV
VBAT(REG)
Charge voltage resolution accuracy
VBAT = 4.208 V
(REG06[7:2]=010111) or
VBAT = 4.352 V
(REG06[7:2]=100000)
TJ = –40°C to +85°C
-0.5%
0.5%
I(CHG_REG_RAN
GE)
Typical fast charge current regulation range
0
5056
mA
I(CHG_REG_STEP
)
Typical fast charge current regulation step
64
mA
I(CHG_REG_ACC) Fast charge current regulation accuracy
VBAT = 3.1 V or 3.8 V, ICHG = 128
mA
TJ = –40°C to +85°C
-20%
20%
VBAT= 3.1 V or 3.8 V, ICHG = 256
mA
TJ = –40°C to +85°C
-10%
10%
VBAT= 3.1 V or 3.8 V, ICHG=1792
mA
TJ = –40°C to +85°C
-5%
5%
VBAT(LOWV)
Battery LOWV falling threshold
Fast charge to precharge,
BATLOWV (REG06[1]) = 1
2.6
2.8
2.9
V
Battery LOWV rising threshold
Precharge to fast charge,
BATLOWV (REG06[1])=1
(Typical 200-mV hysteresis)
2.8
3
3.1
V
I(PRECHG_RANG
E)
Precharge current range
64
1024
mA
I(PRECHG_STEP)
Typical precharge current step
64
mA
I(PRECHG_ACC)
Precharge current accuracy
VBAT=2.6 V, IPRECHG = 256 mA
–10%
+10%
I(TERM_RANGE)
Termination current range
64
1024
mA
I(TERM_STEP)
Typical termination current step
64
mA
I(TERM_ACC)
Termination current accuracy
ITERM = 256 mA, ICHG<= 1344
mA
TJ = –20°C to +85°C
–12%
12%
ITERM = 256 mA, ICHG> 1344 mA
TJ = –20°C to +85°C
–20%
20%
V(SHORT)
Battery short voltage
VBAT falling
2
V
V(SHORT_HYST)
Battery short voltage hysteresis
VBAT rising
200
mV
I(SHORT)
Battery short current
VBAT < 2.2 V
100
mA
V(RECHG)
Recharge threshold below VBATREG
VBAT falling, VRECHG
(REG06[0]=0) = 0
100
mV
VBAT falling, VRECHG
(REG06[0]=0) = 1
200
mV
IBAT(LOAD)
Battery discharge load current
VBAT = 4.2 V
15
mA
ISYS(LOAD)
System discharge load current
VSYS = 4.2 V
30
mA
RON(BATFET)
SYS-BAT MOSFET (BATFET) on-resistance
TJ = 25°C
11
13
m
Ω
TJ = –40°C to +125°C
11
19
m
Ω


Similar Part No. - BQ25890RTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWR TI1-BQ25890HRTWR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWT TI1-BQ25890HRTWT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25890RTWT

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Texas Instruments
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com