Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25895 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25895
Description  Adjustable Voltage 3.1-A Boost Operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25895 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25895 Datasheet HTML 5Page - Texas Instruments BQ25895 Datasheet HTML 6Page - Texas Instruments BQ25895 Datasheet HTML 7Page - Texas Instruments BQ25895 Datasheet HTML 8Page - Texas Instruments BQ25895 Datasheet HTML 9Page - Texas Instruments BQ25895 Datasheet HTML 10Page - Texas Instruments BQ25895 Datasheet HTML 11Page - Texas Instruments BQ25895 Datasheet HTML 12Page - Texas Instruments BQ25895 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
bq25895
www.ti.com
SLUSC88A – MARCH 2015 – REVISED MAY 2016
Product Folder Links: bq25895
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT > VSLEEP, TJ = –40°C to +125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE / CURRENT REGULATION
VIN(DPM_RANGE) Typical Input voltage regulation range
3.9
15.3
V
VIN(DPM_STEP)
Typical Input voltage regulation step
100
mV
VIN(DPM_ACC)
Input voltage regulation accuracy
VINDPM = 4.4 V, 9 V
3%
3%
IIN(DPM_RANGE)
Typical Input current regulation range
100
3250
mA
IIN(DPM_STEP)
Typical Input current regulation step
50
mA
IIN(DPM100_ACC)
Input current 100-mA regulation accuracy
VBAT = 5 V, current pulled from SW
IINLIM (REG00[5:0]) =100 mA
85
90
100
mA
IIN(DPM_ACC)
Input current regulation accuracy
VBAT = 5 V, current pulled from SW
USB150, IINLIM (REG00[5:0]) =
150 mA
125
135
150
mA
USB500, IINLIM (REG00[5:0]) =
500 mA
440
470
500
mA
USB900, IINLIM (REG00[5:0]) =
900 mA
750
825
900
mA
Adapter 1.5 A, IINLIM
(REG00[5:0]) = 1500 mA
1300
1400
1500
mA
IIN(START)
Input current regulation during system start up
VSYS = 2.2 V, IINLIM
(REG00[5:0])> = 200 mA
200
mA
KILIM
IINMAX = KILIM/RILIM
Input current regulation by ILIM
pin = 1.5 A
320
355
390
A x
Ω
D+/D- DETECTION
V(0P6_VSRC)
D+/D– voltage source (0.6 V)
0.5
0.6
0.7
V
V(3p45_VSRC)
D+/D– voltage source (3.45 V)
3.3
3.45
3.6
V
I(10UA_ISRC)
D+ connection check current source
7
10
14
µA
I(100UA_ISINK)
D+/D– current sink (100 µA)
50
100
150
µA
I(DPDM_LKG)
D+/D– Leakage current
D–, switch open
–1
1
µA
D+, switch open
–1
1
µA
I(1P6MA_ISINK)
D+/D– current sink (1.6 mA)
1.45
1.60
1.75
µA
V(0P4_VTH)
D+/D– low comparator threshold
250
400
mV
V(0P8_VTH)
D+ low comparator threshold
0.8
V
V(2P7_VTH)
D+/D– comparator threshold for non-standard
adapter detection (divider 1, 3, or 4)
2.55
2.85
V
V(2P0_VTH)
D+/D– comparator threshold for non-standard
adapter detection (divider 1, 3)
1.85
2.15
V
V(1P2_VTH)
D+/D– comparator threshold for non-standard
adapter detection (divider 2)
1.05
1.35
V
R(D–_DWN)
D– pulldown for connection check
14.25
24.8
k
Ω


Similar Part No. - BQ25895

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25895M TI-BQ25895M Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895MRTWR TI-BQ25895MRTWR Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895MRTWT TI-BQ25895MRTWT Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
More results

Similar Description - BQ25895

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
logo
Texas Instruments
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
logo
Micro Linear Corporatio...
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com