Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25895 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ25895
Description  Adjustable Voltage 3.1-A Boost Operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25895 Datasheet(HTML) 5 Page - Texas Instruments

  BQ25895_16 Datasheet HTML 1Page - Texas Instruments BQ25895_16 Datasheet HTML 2Page - Texas Instruments BQ25895_16 Datasheet HTML 3Page - Texas Instruments BQ25895_16 Datasheet HTML 4Page - Texas Instruments BQ25895_16 Datasheet HTML 5Page - Texas Instruments BQ25895_16 Datasheet HTML 6Page - Texas Instruments BQ25895_16 Datasheet HTML 7Page - Texas Instruments BQ25895_16 Datasheet HTML 8Page - Texas Instruments BQ25895_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
5
bq25895
www.ti.com
SLUSC88A – MARCH 2015 – REVISED MAY 2016
Product Folder Links: bq25895
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
VALUE
Voltage range (with respect to GND)
VBUS (converter not switching)
–2
22
V
PMID (converter not switching)
–0.3
22
V
STAT
–0.3
20
V
DSEL
–0.3
20
V
BTST
–0.3
20
V
SW
–2
16
V
BAT, SYS (converter not switching)
–0.3
6
V
SDA, SCL, INT, OTG, REGN, TS, CE, QON
–0.3
7
V
D+, D–
–0.3
7
V
BTST TO SW
–0.3
7
V
PGND to GND
–0.3
0.3
V
ILIM
–0.3
5
V
Output sink current
INT, STAT
6
mA
DSEL
6
mA
Junction temperature
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101(2)
±250
V
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BTST or SW pins. A tight
layout minimizes switching noise.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
3.9
14(1)
V
IIN
Input current (VBUS)
3.25
A
ISYS
Output current (SW)
5
A
VBAT
Battery voltage
4.608
V
IBAT
Fast charging current
5
A
Discharging current with internal MOSFET
Up to 6 (continuos)
A
9 (peak)
(Up to 1 sec duration)
A
TA
Operating free-air temperature range
–40
85
°C


Similar Part No. - BQ25895_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
More results

Similar Description - BQ25895_16

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
logo
Texas Instruments
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
logo
Micro Linear Corporatio...
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com