Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25890 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25890
Description  Adjustable Voltage USB On-the-Go Boost Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25890 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25890 Datasheet HTML 3Page - Texas Instruments BQ25890 Datasheet HTML 4Page - Texas Instruments BQ25890 Datasheet HTML 5Page - Texas Instruments BQ25890 Datasheet HTML 6Page - Texas Instruments BQ25890 Datasheet HTML 7Page - Texas Instruments BQ25890 Datasheet HTML 8Page - Texas Instruments BQ25890 Datasheet HTML 9Page - Texas Instruments BQ25890 Datasheet HTML 10Page - Texas Instruments BQ25890 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
7
bq25890, bq25892
www.ti.com
SLUSC86B – MARCH 2015 – REVISED MAY 2016
Product Folder Links: bq25890 bq25892
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
8 Specifications
8.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
VALUE
Voltage range (with respect to GND)
VBUS (converter not switching)
–2
22
V
PMID (converter not switching)
–0.3
22
V
STAT
–0.3
20
V
PG (bq25892)
–0.3
7
V
DSEL (bq25890)
–0.3
20
V
BTST
–0.3
20
V
SW
–2
16
V
BAT, SYS (converter not switching)
–0.3
6
V
SDA, SCL, INT, OTG, REGN, TS, CE, QON
–0.3
7
V
PSEL (bq25892)
–0.3
7
V
D+, D– (bq25890)
–0.3
7
V
BTST TO SW
–0.3
7
V
PGND to GND
–0.3
0.3
V
ILIM
–0.3
5
V
Output sink current
INT, STAT
6
mA
PG (bq25892)
6
mA
DSEL (bq25890)
6
mA
Junction temperature
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101(2)
±250
V
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BTST or SW pins. A tight
layout minimizes switching noise.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
3.9
14(1)
V
IIN
Input current (VBUS)
3.25
A
ISYS
Output current (SW)
5
A
VBAT
Battery voltage
4.608
V
IBAT
Fast charging current
5
A
Discharging current with internal MOSFET
Up to 6 (continuos)
A
9 (peak)
(Up to 1 sec duration)
A
TA
Operating free-air temperature range
–40
85
°C


Similar Part No. - BQ25890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWR TI1-BQ25890HRTWR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890HRTWT TI1-BQ25890HRTWT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25890

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Texas Instruments
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com