Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24750RHDTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24750RHDTG4
Description  AC Overpower Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24750RHDTG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24750RHDTG4 Datasheet HTML 1Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 2Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 3Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 4Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 5Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 6Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 7Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 8Page - Texas Instruments BQ24750RHDTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ACOP
bq24750
28LDQFN
TOP VIEW
DPMDET
SRN
BAT
CELLS
SRP
SRSET
IADAPT
ACDRV
ACSET
CHGEN
ACN
ACP
ACDET
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
10
11 12 13
14
28
27 26
25
24 23
22
bq24750
www.ti.com............................................................................................................................................... SLUS735D – DECEMBER 2006 – REVISED MARCH 2009
Host-Controlled Multi-Chemistry Battery Charger With Integrated System Power Selector
and AC Overpower Protection
• 10-µA Off-State Current
• NMOS-NMOS Synchronous Buck Converter
• 28-pin, 5x5-mm QFN package
with 300 kHz Frequency and >95% Efficiency
• 30-ns Minimum Driver Dead-time and 99.5%
• Notebook and Ultra-Mobile Computers
Maximum Effective Duty Cycle
• Portable Data-Capture Terminals
• High-Accuracy Voltage and Current Regulation
• Portable Printers
±0.5% Charge Voltage Accuracy
• Medical Diagnostics Equipment
±3% Charge Current Accuracy
• Battery Bay Chargers
±3% Adapter Current Accuracy
• Battery Back-up Systems
±2% Input Current Sense Amp Accuracy
• Integration
Automatic System Power Selection From
The
bq24750
is
a
high-efficiency,
synchronous
AC/DC Adapter or Battery
battery charger with integrated compensation and
Internal Loop Compensation
system power selector logic, offering low component
count for space-constrained multi-chemistry battery
Internal Soft Start
charging applications. Ratiometric charge current and
• Safety
voltage
programming
allows
high
regulation
Input Overvoltage Protection (OVP)
accuracies, and can be either hardwired with resistors
or programmed by the system power-management
Dynamic Power Management (DPM) with
microcontroller using a DAC or GPIOs.
Status Indicator
Programmable Inrush Adapter Power
(ACOP) and Overcurrent (ACOC) Limits
Reverse-Conduction Protection Input FET
Battery Thermistor Sense Input (TS) for
Charge Qualification
• Supports Two, Three, or Four Li+ Cells
• 5–24 V AC/DC-Adapter Operating Range
• Analog Inputs with Ratiometric Programming
via Resistors or DAC/GPIO Host Control
Charge Voltage (4–4.512 V/cell)
Charge Current (up to 10 A, with 10-m
Sense Resistor)
Adapter Current Limit (DPM)
• Status and Monitoring Outputs
AC/DC Adapter Present with Programmable
Voltage Threshold
DPM Loop Active
Current Drawn from Input Source
• Supports Any Battery Chemistry: Li+, NiCd,
NiMH, Lead Acid, etc.
• Charge Enable
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24750RHDTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750RHDT TI-BQ24750RHDT Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDT TI-BQ24750RHDT Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
More results

Similar Description - BQ24750RHDTG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1733MT NXP-TEA1733MT Datasheet
198Kb / 20P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-4 February 2011
logo
List of Unclassifed Man...
LM-DIN-240V ETC-LM-DIN-240V Datasheet
102Kb / 1P
   Volt AC Protection Module
logo
NXP Semiconductors
TEA1738T NXP-TEA1738T Datasheet
186Kb / 21P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-31 December 2010
logo
Microsemi Corporation
LTW-593DS MICROSEMI-LTW-593DS Datasheet
191Kb / 3P
   AIRCRAFT AC POWER BUS PROTECTION
logo
AVX Corporation
MAV0040WP AVX-MAV0040WP Datasheet
354Kb / 4P
   Miniature AC Varistor ??MAV Low Power AC Circuit Protection
logo
ETA-USA
AOPS15 ETA-USA-AOPS15 Datasheet
1,016Kb / 5P
   15W AC/DC Inrush current protection
logo
LinkCom Manufacturing C...
BPCE030C112 LINKCOM-BPCE030C112_14 Datasheet
129Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
BPCN030C142 LINKCOM-BPCN030C142_14 Datasheet
101Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
logo
International Rectifier
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com