Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24901PW Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24901PW
Description  OFFLNE APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24901PW Datasheet(HTML) 3 Page - Texas Instruments

  BQ24901PW Datasheet HTML 1Page - Texas Instruments BQ24901PW Datasheet HTML 2Page - Texas Instruments BQ24901PW Datasheet HTML 3Page - Texas Instruments BQ24901PW Datasheet HTML 4Page - Texas Instruments BQ24901PW Datasheet HTML 5Page - Texas Instruments BQ24901PW Datasheet HTML 6Page - Texas Instruments BQ24901PW Datasheet HTML 7Page - Texas Instruments BQ24901PW Datasheet HTML 8Page - Texas Instruments BQ24901PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
bq24901
SLUS527 – DECEMBER 2002
3
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ICC(VCC)
Input current
VCC > VCC(min)
2
mA
IIB(BAT)
Input bias current on BAT pin
VI(BAT) > VO(REG), when not in charge
1
IIB(TS)
Input bias current on TS pin
VI(TS) = 2.5 V
1
A
IIB(SNS)
Input bias current on SNS pin
VCC = 6 V,
VI(SNS) = 6 V when not in charge
1
µA
IIB(TADJ)
Input bias current on TADJ pin
VI(TADJ) = VREF
1
BATTERY VOLTAGE and VCC REGULATION
VO(REG)
Output voltage
0
°C ≤ TA ≤ 70°C
4.17
4.20
4.23
V
VCC
Supply voltage
5.8
6.0
6.3
V
CURRENT REGULATION
V(SNS)
Current regulation threshold
voltage
Voltage at pin SNS relative to BAT,
0
°C ≤ TA ≤ 70°C, V(LOWV)≤V(SNS)≤VO(REG)
184
200
216
mV
Input common mode range on
SNS pin
V(UVT)
VCC
V
PRE-CHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Pre-charge voltage threshold
Voltage at pin SNS relative to BAT pin,
0
°C ≤
TA ≤ 70°C
V(UVT) ≤ VI(BAT) ≤ V(LOWV)
10
20
30
mV
ISC
Short-circuit current
0
°C ≤ TA ≤ 70°C, 0 ≤ VI(BAT) ≤ V(UVT)
5.4
30.0
mA
CHARGE TERMINATION DETECTION
V
Charge termination current detect
Voltage at pin SNS relative to BAT pin,
0
°C ≤ TA ≤ 70°C
TADJ pin tied to VREF pin,
VI(SNS) = VO(REG)VI(BAT) > V(RCH)
16
20
24
mV
V(ITERM)
Charge termination current detect
threshold
Voltage at pin SNS relative to BAT pin,
0
°C ≤ TA ≤ 70°C
TADJ pin tied to VSS pin,
VI(SNS) = VO(REG)VI(BAT) > V(RCH)
7.5
10.0
12.5
mV
V(EN-TERM) Enable termination voltage
(VI(SNS) –VI(BAT)) <V(ITERM) ,VBAT increasing
above threshold
VO(REG)
–210
VO(REG)
– 160
VO(REG)
– 110
V
t(TRMDET2)
Falling-edge delay for termination
detection
(VSNS – VBAT) increasing above threshold,
VI(BAT) > V(EN–TERM),
100 ns fall time
2 mV overdrive
100
µs
t(TRMDET1)
Rising-edge delay for termination
detection
(VSNS – VBAT) increasing above threshold,
VI(BAT) > V(EN–TERM),
100 ns fall time
2 mV overdrive
20
ms
TEMPERATURE COMPARATOR
V(LTF)
Cold temperature threshold voltage
VTS,
VCC ≥ 3.5 V
72.6
73.5
74.1
V(HTF)
Hot temperature threshold voltage
VTS,
VCC ≥ 3.5 V
33.7
34.4
35.1
%V
V(TCO)
Cutoff temperature threshold voltage
VTS,
VCC ≥ 3.5 V
28.7
29.3
29.9
%VCC
LTF hysteresis
Hysteresis for LTF threshold voltage
0.1
0.6
1.1
LOW BATTERY VOLTAGE (LOWV) THRESHOLD COMPARATOR
V(LOWV)
3.00
3.05
3.15
V
(1)
Ensured by design. Not production tested.


Similar Part No. - BQ24901PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24901PW TI-BQ24901PW Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
More results

Similar Description - BQ24901PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2961CT TOSHIBA-RN2961CT Datasheet
219Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J2FS TOSHIBA-RN49J2FS Datasheet
175Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1101CT TOSHIBA-RN1101CT Datasheet
173Kb / 8P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112ACT TOSHIBA-RN1112ACT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112CT TOSHIBA-RN1112CT Datasheet
160Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
   Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com