Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24401D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24401D
Description  Programmable NiCd/NiMH Fast-Charge Management IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24401D Datasheet(HTML) 5 Page - Texas Instruments

  BQ24401D Datasheet HTML 1Page - Texas Instruments BQ24401D Datasheet HTML 2Page - Texas Instruments BQ24401D Datasheet HTML 3Page - Texas Instruments BQ24401D Datasheet HTML 4Page - Texas Instruments BQ24401D Datasheet HTML 5Page - Texas Instruments BQ24401D Datasheet HTML 6Page - Texas Instruments BQ24401D Datasheet HTML 7Page - Texas Instruments BQ24401D Datasheet HTML 8Page - Texas Instruments BQ24401D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
bq24401
www.ti.com
SLUS497A – SEPTEMBER 2001 – REVISED MARCH 2010
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
VCC relative to VSS
–0.3 to 7
V
VT
DC voltage applied on any pin, relative to VSS
–0.3 to VCC
V
TOPR
Operating ambient temperature
–20 to 70
°C
TSTG
Storage temperature
–40 to 125
°C
TSOLDER
Soldering temperature (10 s max.)
260
°C
(1)
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be limited to the
Recommended DC Operating Conditions detailed in this data sheet. Exposure to conditions beyond the operational limits for extended
periods of time may affect device reliability.
DC THRESHOLDS
(1)
TA = TOPR; VCC = 5V ±20% (unless otherwise specified)
PARAMETER
TEST CONDITIONS
TYPICAL
TOLERANCE
UNIT
VTCO
Temperature cutoff
Voltage at the TS pin
0.225 × VCC
±5%
V
VHTF
High-temperature fault
Voltage at the TS pin
0.25 × VCC
±5%
V
VLTF
Low-temperature fault
Voltage at the TS pin
0.5 × VCC
±5%
V
VMCV
Maximum cell voltage
Voltage at the BAT pin
2.00
±2.5%
V
VLBAT
Minimum cell voltage
Voltage at the BAT pin
950
±5%
mV
VTherm
TS input change for
ΔT/Δt detection
Voltage at the TS pin
–VCC/161
±25%
V/min
VSNSHI
High threshold at SNS
Voltage at the SNS pin
50
±10
mV
VSNSLO
Low threshold at SNS
Voltage at the SNS pin
–50
±10
mV
VSLP
Sleep-mode input threshold
Voltage at the BAT pin
VCC–1
±0.5
V
(1)
All voltages are relative to VSS except as noted.
RECOMMENDED DC OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
4
5
6
V
ICC
Supply current
Exclusive of external loads
0.5
1
mA
ICCS
Sleep current
VBAT = VSLP
5
µA
VTS
Thermistor input
VTS < 0.5 V prohibited
0.5
VCC
V
VOH
Output high input
MOD, IOH = 10 mA
VCC–0.4
V
VOL
Output low input
MOD, LED, IOL = 10 mA
0.2
V
IOZ
High-impedance leakage current
LED
5
µA
Isnk
Sink current
MOD, LED
20
mA
RMTO
Charge timer resistor
2
250
k
Ω
CMTO
Charge timer capacitor
0.001
1
µF
IMPEDANCE
PARAMETER
MIN
TYP
MAX
UNIT
RBAT
Battery input impedance
10
M
Ω
RTS
TS input impedance
10
M
Ω
RSNS
SNS input impedance
10
M
Ω
TIMING
TA = TOPR; VCC = 5 V ±20% (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
dMTO
MTO time-base variation
–5%
5%
fTRKL
Pulse-trickle frequency
0.9
1
1.1
Hz
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24401


Similar Part No. - BQ24401D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401D TI-BQ24401D Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results

Similar Description - BQ24401D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com