Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24160RGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24160RGER
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24160RGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24160RGER Datasheet HTML 6Page - Texas Instruments BQ24160RGER Datasheet HTML 7Page - Texas Instruments BQ24160RGER Datasheet HTML 8Page - Texas Instruments BQ24160RGER Datasheet HTML 9Page - Texas Instruments BQ24160RGER Datasheet HTML 10Page - Texas Instruments BQ24160RGER Datasheet HTML 11Page - Texas Instruments BQ24160RGER Datasheet HTML 12Page - Texas Instruments BQ24160RGER Datasheet HTML 13Page - Texas Instruments BQ24160RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
0
100
200
300
400
500
600
700
−50
0
50
100
150
Temperature (°C)
USB100 Current Limit
USB500 Current Limit
G005
6
6.1
6.2
6.3
6.4
6.5
6.6
6.7
−50
0
50
100
150
Temperature (°C)
Falling Edge
Rising Edge
G006
3.4
3.45
3.5
3.55
3.6
3.65
3.7
3.75
3.8
3.85
3.9
−50
0
50
100
150
Temperature (°C)
SYSREG Regulation
MINSYS Regulation
G003
4.19
4.192
4.194
4.196
4.198
4.2
4.202
4.204
4.206
4.208
4.21
0
25
50
75
100
125
Temperature (°C)
G004
0
10
20
30
40
50
60
70
80
90
100
0.1
1
3
System Current (A)
VIN = 5 V
VIN = 7 V
VIN = 9 V
G001
0
10
20
30
40
50
60
70
80
90
100
0.1
1
2
System Current (A)
VUSB = 5 V
VUSB = 6 V
G002
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
8.6 Typical Characteristics
Charge Disabled
Charge Disabled
SYS loaded
SYS loaded
VBATREG = 3.6V
VBATREG = 3.6V
IN2500 ILIM
USB1500 ILIM
Figure 1. IN Efficiency
Figure 2. USB Efficiency
VBAT = 3V
VBATREG = 4.2V
No load
Termination Disabled
Figure 3. SYSREG and MINSYS Regulation vs Temperature
Figure 4. Battery Regulation vs Temperature
USB100 and USB500 current limit
USB input and IN input (bq24168)
VUSB = 5V
VBAT = 3.6V
Figure 5. USB Input Current Limit vs. Temperature
Figure 6. 6.5V OVP Threshold vs. Temperature
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168


Similar Part No. - BQ24160RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24160RGER TI-BQ24160RGER Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24160RGER TI-BQ24160RGER Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24160RGER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com