Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24262 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24262
Description  Power-Path Management and USB-OTG Support
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24262 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24262 Datasheet HTML 4Page - Texas Instruments BQ24262 Datasheet HTML 5Page - Texas Instruments BQ24262 Datasheet HTML 6Page - Texas Instruments BQ24262 Datasheet HTML 7Page - Texas Instruments BQ24262 Datasheet HTML 8Page - Texas Instruments BQ24262 Datasheet HTML 9Page - Texas Instruments BQ24262 Datasheet HTML 10Page - Texas Instruments BQ24262 Datasheet HTML 11Page - Texas Instruments BQ24262 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Not Recommended for New Designs : bq24260, bq24261
bq24260, bq24261, bq24261M, bq24262
SLUSBU4E – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Circuit of Figure 7, VUVLO < VIN < VOVP AND VIN > VBAT+ VSLP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY CHARGER
YFF
17
25
Measured from BAT to SYS,
Internal battery charger
RON(BAT-SYS)
m
Ω
MOSFET ON-resistance
VBAT = 4.2 V, Hi-Z mode
RGE
32
47
Charge Voltage
Operating in voltage regulation, Programmable Range
3.5
4.44
V
RGE Package Voltage
TJ = 0°C to 50°C
–0.5%
0.5%
Regulation Accuracy
RGE Package Voltage
TJ = 0°C to 85°C
–0.7%
0.7%
Regulation Accuracy
YFF Package Voltage
TJ = 0°C to 85°C
–0.75%
0.75%
Regulation Accuracy
VBATREG
RGE and YFF Package
TJ = 0°C to 125°C
–1.0%
1.0%
Voltage Regulation Accuracy
YFF Package Voltage
TJ = 25°C
–29.2
28.1
Regulation Accuracy
YFF Package Voltage
TJ = 0°C to 85°C
–32.0
29.3
mV
Regulation Accuracy
YFF Package Voltage
TJ = 0°C to 125°C
–40.2
29.3
Regulation Accuracy
Fast Charge Current Range
VBATSHRT ≤ VBAT < VBAT(REG)
500
3000
mA
ICHARGE
500 mA
≤ ICHARGE ≤ 1A
–10%
10%
Fast Charge Current
Accuracy
ICHARGE > 1000 mA
–5%
5%
VBATSHRT
Battery short-circuit threshold
1.9
2
2.1
V
VBATSHRT_HYS
Hysteresis for VBATSHRT
Battery voltage falling
100
mV
Deglitch time for battery short
VBAT rising or falling
1
ms
to fastcharge transition
Battery short-circuit charge
IBATSHRT
VBAT < VBATSHRT
33.5
50
66.5
mA
current
ITERM ≤ 50 mA
–30%
30%
ITERM
Termination charge current
50 mA < ITERM < 200 mA
–15%
15%
ITERM ≥ 200 mA
–15%
10%
Both rising and falling, 2-mV over-drive,
Deglitch time for charge
tDGL(TERM)
32
ms
termination
tRISE, tFALL=100 ns
VRCH
Recharge threshold voltage
Below VBATREG
100
120
150
mV
tDGL(RCH)
Deglitch time
VBAT falling below VRCH, tFALL=100 ns
32
ms
Battery detection voltage
threshold
VDET(SRC1)
During current source (Turn IBATSHRT off)
VRCH
V
(TE = 1)
VRCH
VDET(SRC2)
During current source (Turn IBATSHRT on)
V
– 200mV
VDET(SNK)
During current sink
VBATSHRT
V
Battery detection current
IDETECT
before charge done (sink
Termination enabled (TE = 1)
7
mA
current)
Battery detection time
tDETECT(SRC)
Termination enabled (TE = 1)
2
s
(sourcing current)
Battery detection time (sinking
tDETECT(SNK)
Termination enabled (TE = 1)
250
ms
current)
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24261M bq24262


Similar Part No. - BQ24262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24262 TI-BQ24262_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
More results

Similar Description - BQ24262

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com