Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24187YFFT Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24187YFFT
Description  1A USB-OTG Support
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24187YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24187YFFT Datasheet HTML 5Page - Texas Instruments BQ24187YFFT Datasheet HTML 6Page - Texas Instruments BQ24187YFFT Datasheet HTML 7Page - Texas Instruments BQ24187YFFT Datasheet HTML 8Page - Texas Instruments BQ24187YFFT Datasheet HTML 9Page - Texas Instruments BQ24187YFFT Datasheet HTML 10Page - Texas Instruments BQ24187YFFT Datasheet HTML 11Page - Texas Instruments BQ24187YFFT Datasheet HTML 12Page - Texas Instruments BQ24187YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
bq24187
www.ti.com
SLUSBM0 – APRIL 2014
7.6 Timing Requirements
Circuit of Figure 6, VUVLO < VIN < VOVP and VIN > VBAT+VSLP, TJ = –40°C–125°C and TJ=25ºC for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGER PARAMETERS
Deglitch time for battery short to
VBAT rising or falling
1
ms
fast charge transition
Deglitch time for charge
Both rising and falling, 2-mV over-drive, tRISE,
tDGL(TERM)
32
ms
termination
tFALL=100ns
tDGL(RCH)
Deglitch time
VBAT falling below VRCH, tFALL=100ns
32
ms
Battery detection time (sourcing
tDETECT(SRC)
Termination enabled (TE = 1)
2
s
current)
Battery detection time (sinking
tDETECT(SNK)
Termination enabled (TE = 1)
250
ms
current)
INPUT TERMINALS (CD, PSEL)
Deglitch for CD and PSEL
CD or PSEL rising/falling
100
µs
PROTECTION
Deglitch time for supply rising
tDGL(VSLP)
Rising voltage, 2-mV over drive, tRISE=100ns
30
ms
above VSLP+VSLP_EXIT
tDGL(BOVP)
BOVP Deglitch
Battery entering/exiting BOVP
8
ms
Safety Timer Accuracy
–20%
20%
BATTERY-PACK NTC MONITOR
tDGL(TS)
Deglitch time on TS change
Applies to VHOT , VWARM , VCOOL , and VCOLD
50
ms
I2C COMPATIBLE INTERFACE
tWATCHDOG
30
50
s
tI2CRESET
700
ms
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Oscillator frequency
1.35
1.5
1.65
MHz
DMAX
Maximum duty cycle
95%
DMIN
Minimum duty cycle
0%
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24187
Not Recommended for New Designs


Similar Part No. - BQ24187YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180 TI-BQ24180 Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
bq24180YFFR TI-bq24180YFFR Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24180YFFR TI-BQ24180YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
bq24180YFFT TI-bq24180YFFT Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results

Similar Description - BQ24187YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
TECHCODE SEMICONDUCTOR,...
TD9157 TECHCODE-TD9157 Datasheet
2Mb / 35P
   Fully Integrated Switch-Mode ChargerWith USB Compliance and USB-OTG Support
logo
Texas Instruments
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com