Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC7820 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC7820
Description  ANALOG MONITORING AND CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7820 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7820_15 Datasheet HTML 5Page - Texas Instruments AMC7820_15 Datasheet HTML 6Page - Texas Instruments AMC7820_15 Datasheet HTML 7Page - Texas Instruments AMC7820_15 Datasheet HTML 8Page - Texas Instruments AMC7820_15 Datasheet HTML 9Page - Texas Instruments AMC7820_15 Datasheet HTML 10Page - Texas Instruments AMC7820_15 Datasheet HTML 11Page - Texas Instruments AMC7820_15 Datasheet HTML 12Page - Texas Instruments AMC7820_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AMC7820
SBAS231B
www.ti.com
9
TYPICAL CHARACTERISTICS: DACs (DAC0, DAC1, DAC2)
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
8
6
4
2
0
–2
–4
–6
–8
LINEARITY ERROR vs CODE
(–40
°C)
0
512
1024
1536
2048
Code
2560
3072
3584
4096
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
8
6
4
2
0
–2
–4
–6
–8
LINEARITY ERROR vs CODE
(+25
°C)
0
512
1024
1536
2048
Code
2560
3072
3584
4096
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
8
6
4
2
0
–2
–4
–6
–8
LINEARITY ERROR vs CODE
(+85
°C)
0
512
1024
1536
2048
Code
2560
3072
3584
4096
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
OFFSET ERROR vs TEMPERATURE
Temperature (
°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–50
–25
0
25
50
75
100
Gain = +2
Gain = +1
GAIN ERROR vs TEMPERATURE
(DAC Gain = +1 or +2)
Temperature (
°C)
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–50
–25
0
25
50
75
100
Ext 2.5V Ref
Int 2.5V Ref
OUTPUT VOLTAGE
vs OUTPUT CURRENT, GAIN = +1
Output Current Magnitude (mA)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.5000
2.4995
2.4990
2.4985
2.4980
2.4975
2.4970
2.4965
2.4960
2.4955
2.4950
03
2
14
5
6
7
Sourcing Current
DAC at FFF
H
Sinking Current
DAC at 008
H


Similar Part No. - AMC7820_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7820Y TI-AMC7820Y Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results

Similar Description - AMC7820_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com