Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26LS32AIDE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AIDE4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS32AIDE4 Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS32AIDE4 Datasheet HTML 1Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 2Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 3Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 4Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 5Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 6Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 7Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 8Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
AM26LS32AC
,, AM26LS32AI,, AM26LS33AC
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007
DERATION
TA ≤ 25°C
TA = 70°C
TA = 125°C
PACKAGE
FACTOR
POWER RATING
POWER RATING
POWER RATING
ABOVE TA = 25°C
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
275 mW
MIN
NOM
MAX
UNIT
AM26LS32AC, AM26LS32AI,
4.75
5
5.25
AM26LS33AC
VCC
Supply voltage
V
AM26LS32AM, AM26LS33AM
4.5
5
5.5
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
AM26LS32A
±7
VIC
Common-mode input voltage
V
AM26LS33A
±15
IOH
High-level output current
–440
μA
IOL
Low-level output current
8
mA
AM26LS32AC, AM26LS33AC
0
70
TA
Operating free-air temperature
AM26LS32AI
–40
85
°C
AM26LS32AM, AM26LS33AM
–55
125
over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
AM26LS32A
0.2
Positive-going
VIT+
VO = VOHmin, IOH = –440 μA
V
input threshold voltage
AM26LS33A
0.5
AM26LS32A
–0.2(2)
Negative-going
VIT–
VO = 0.45 V , IOL = 8 mA
V
input threshold voltage
AM26LS33A
–0.5(2)
Hysteresis voltage
Vhys
50
mV
(VIT+ – VIT–)
VIK
Enable-input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
V
AM26LS32AC,
2.7
AM26LS33AC
VCC = MIN, VID = 1 V,
VOH
High-level output voltage
V
AM26LS32AM,
VI(G) = 0.8 V, IOH = –440 μA
AM26LS32AI,
2.5
AM26LS33AM
IOL= 4 mA
0.4
VCC = MIN, VID = –1 V,
VOL
Low-level output voltage
V
VI(G) = 0.8 V
IOL= 8 mA
0.45
Off-state
VO = 2.4 V
20
IOZ
(high-impedance state)
VCC = MAX
μA
VO = 0.4 V
–20
output current
Other input at –10 V to
VI = 15 V,
1.2
15 V
II
Line input current
mA
Other input at –15 V to
VI = –15 V,
–1.7
10 V
II(EN)
Enable input current
VI = 5.5 V
100
μA
IH
High-level enable current
VI = 2.7 V
20
μA
(1)
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
(2)
The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for
threshold levels only.
4
Submit Documentation Feedback
Copyright © 1980–2007, Texas Instruments Incorporated
Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM


Similar Part No. - AM26LS32AIDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS32AIDE4 TI-AM26LS32AIDE4 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDE4 TI-AM26LS32AIDE4 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDE4 TI-AM26LS32AIDE4 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDE4 TI-AM26LS32AIDE4 Datasheet
1,006Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AIDE4 TI-AM26LS32AIDE4 Datasheet
1Mb / 36P
[Old version datasheet]   AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED SEPTEMBER 2016
More results

Similar Description - AM26LS32AIDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com