Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5K2E02ABD25 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM5K2E02ABD25
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02ABD25 Datasheet(HTML) 3 Page - Texas Instruments

  AM5K2E02ABD25 Datasheet HTML 1Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 2Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 3Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 4Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 5Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 6Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 7Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 8Page - Texas Instruments AM5K2E02ABD25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 252 page
background image
AM5K2E04, AM5K2E02
www.ti.com
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
The device enables developers to use a variety of development and debugging tools that include GNU
GCC, GDB, Open source Linux, Eclipse based debugging environment enabling kernel and user space
debugging using a variety of Eclipse plug-ins including TI's industry leading IDE Code Composer Studio.
1.5
Enhancements in KeyStone II
The KeyStone II architecture provides many major enhancements over the previous KeyStone I
generation of devices. The KeyStone II architecture integrates an ARM Cortex-A15 processor quad-core
cluster to enable Layer 2 (MAC/RLC) and higher layer processing. The external memory bandwidth has
been doubled with the integration of dual DDR3 1600 EMIFs. MSMC internal memory bandwidth is
quadrupled with MSMC V2 architecture improvements. Multicore Navigator supports 2× the number of
queues, descriptors and packet DMA, 4× the number of micro RISC engines and a significant increase in
the number of push/pops per second, compared to the previous generation. The new peripherals that
have been added include the USB 3.0 controller and Asynchronous EMIF controller for NAND/NOR
memory access. The 2-port Gigabit Ethernet switch in KeyStone I has been replaced with an 8-port
Gigabit Ethernet switch and a 10 GbE switch in KeyStone II. Time synchronization support has been
enhanced to reduce software workload and support additional standards like IEEE1588 Annex D/E and
SyncE. The number of GPIOs and serial interface peripherals like I2C and SPI have been increased to
enable more board level control functionality.
Copyright © 2012–2015, Texas Instruments Incorporated
AM5K2E0x Features and Description
3
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02


Similar Part No. - AM5K2E02ABD25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5K2E02 TI-AM5K2E02 Datasheet
520Kb / 4P
[Old version datasheet]   Applications of the K2H and K2E platforms in high-end imaging
More results

Similar Description - AM5K2E02ABD25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5K2E04 TI-AM5K2E04_15 Datasheet
1Mb / 252P
[Old version datasheet]   AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com