Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC111RHBG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # AIC111RHBG4
Description  IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AIC111RHBG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AIC111RHBG4 Datasheet HTML 6Page - Texas Instruments AIC111RHBG4 Datasheet HTML 7Page - Texas Instruments AIC111RHBG4 Datasheet HTML 8Page - Texas Instruments AIC111RHBG4 Datasheet HTML 9Page - Texas Instruments AIC111RHBG4 Datasheet HTML 10Page - Texas Instruments AIC111RHBG4 Datasheet HTML 11Page - Texas Instruments AIC111RHBG4 Datasheet HTML 12Page - Texas Instruments AIC111RHBG4 Datasheet HTML 13Page - Texas Instruments AIC111RHBG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
H-Bridge Load Switching
Receiver
OUTP
OUTM
VDD (vbat)
AVSS
OUTPM
OUTMP
OUTPP
OUTMM
VDD ( vbat)
AVSS
OUTPM
OUTMP
OUTPP
OUTMM
Inverting Phase
OUTP
OUTM
Noninverting Phase
Load
Receiver
Load
AIC111
SLAS382A – JUNE 2003 – REVISED NOVEMBER 2005
www.ti.com
H-BRIDGE OUTPUT DRIVER
Function: An H-bridge output driver efficiently converts the delta sigma DAC modulator output signals. The
external load provides the low-pass filtering that recovers the differential analog signal from the H-bridge.
Characteristics: Standard H-bridge configuration with transistors sized to differentially drive the load impedance.
The load impedance is complex and a function of frequency.
A.
VDD does not necessarily have to be connected to the same potential as AVDD, it could be connected to a higher
potential than AVDD, equal to AVDD, but not less than AVDD.
Figure 5. Definition of Phase and Output Switching Current Polarity
Table 4. SPECIFICATIONS AT 25°C, HB_VDD = 1.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Block Parameters
DC offset
Idle channel; Differential across VOUT_P and VOUT_M
-5
0
5
mV
Fixed Q
33
Idle channel, measured at output of channel,
Broadband noise
μVrms
BW = 100 Hz-10 kHz, HB_VDD = 1.3 V, A-weighted
Adaptive Q
12
THD
BW = 100 Hz-10 kHz
0.03%
Switching frequency
640
kHz
3/4
Fixed Q
HB_VDD
Maximum output swing
VPP
Adaptive Q
HB_VDD
MICROPHONE POWER SUPPLY
Function: The microphone power supply circuit provides a constant power supply voltage and bias current for
the microphone preamp or sensor bias, provides a low-noise voltage reference (ac ground) for the PGAC,
provides regulated PGAC comparator threshold levels, provides bandgap regulated POR comparator trip voltage
levels, and provides a bandgap regulated current for the biases generator circuit.
Characteristics: The low-dropout regulator configuration or single stage, single-pole amplifier drives an external
0.1-
μF capacitor. The regulator does not oscillate under no-load or loaded conditions. The circuit supplies up to
50-
μA of continuous current.
Table 5. SPECIFICATIONS AT 25°C, AVDD = 1.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MIC_VSUP
IL = 20 μA
0.87
0.94
0.97
V
VMID_FILT
0.59 × AVDD
0.78
V
PSRR
0.1-
μF external bypass cap from MIC_VSUP to AVSS2.
55
dB
10
Copyright © 2003–2005, Texas Instruments Incorporated


Similar Part No. - AIC111RHBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AIC111RHB TI-AIC111RHB Datasheet
230Kb / 29P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
AIC111RHBR TI-AIC111RHBR Datasheet
230Kb / 29P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
AIC111RHBRG4 TI-AIC111RHBRG4 Datasheet
230Kb / 29P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
More results

Similar Description - AIC111RHBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AIC111 TI-AIC111_15 Datasheet
291Kb / 33P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
AIC111 TI-AIC111 Datasheet
230Kb / 29P
[Old version datasheet]   IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
   Voice-Band Audio CODEC for CDMA
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com