Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC34J42 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC34J42
Description  ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC34J42 Datasheet(HTML) 4 Page - Texas Instruments

  ADC34J42 Datasheet HTML 1Page - Texas Instruments ADC34J42 Datasheet HTML 2Page - Texas Instruments ADC34J42 Datasheet HTML 3Page - Texas Instruments ADC34J42 Datasheet HTML 4Page - Texas Instruments ADC34J42 Datasheet HTML 5Page - Texas Instruments ADC34J42 Datasheet HTML 6Page - Texas Instruments ADC34J42 Datasheet HTML 7Page - Texas Instruments ADC34J42 Datasheet HTML 8Page - Texas Instruments ADC34J42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
ADC34J42, ADC34J43, ADC34J44, ADC34J45
SBAS664B – MAY 2014 – REVISED NOVEMBER 2014
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
4, 5, 8, 9, 12, 17,
AVDD
20, 25, 28, 29, 32,
I
Analog 1.8-V power supply
39, 46
CLKM
18
I
Negative differential clock input for the ADC
CLKP
19
I
Positive differential clock input for the ADC
DAM
48
O
Negative serial JESD204B output for channel A
DAP
47
O
Positive serial JESD204B output for channel A
DBM
45
O
Negative serial JESD204B output for channel B
DBP
44
O
Positive serial JESD204B output for channel B
DCM
41
O
Negative serial JESD204B output for channel C
DCP
40
O
Positive serial JESD204B output for channel C
DDM
38
O
Negative serial JESD204B output for channel D
DDP
37
O
Positive serial JESD204B output for channel D
DVDD
3, 34
I
Digital 1.8-V power supply
GND
PowerPAD™
I
Ground, 0 V
INAM
6
I
Negative differential analog input for channel A
INAP
7
I
Positive differential analog input for channel A
INBM
11
I
Negative differential analog input for channel B
INBP
10
I
Positive differential analog input for channel B
INCM
26
I
Negative differential analog input for channel C
INCP
27
I
Positive differential analog input for channel C
INDM
31
I
Negative differential analog input for channel D
INDP
30
I
Positive differential analog input for channel D
OVRA
2
O
Overrange indicator for channel A
OVRB
1
O
Overrange indicator for channel B
OVRC
36
O
Overrange indicator for channel C
OVRD
35
O
Overrange indicator for channel D
PDN
33
I
Power-down control. This pin has an internal 150-k
Ω pull-down resistor.
RESET
21
I
Hardware reset; active high. This pin has an internal 150-k
Ω, pull-down resistor.
SCLK
13
I
Serial interface clock input. This pin has an internal 150-k
Ω pull-down resistor.
SDATA
14
I
Serial interface data input. This pin has an internal 150-k
Ω pull-down resistor.
SDOUT
16
O
Serial interface data output
Serial interface enable. Active low.
SEN
15
I
This pin has an internal 150-k
Ω pull-up resistor to AVDD.
SYNCM~
42
I
Negative JESD204B synch input
SYNCP~
43
I
Positive JESD204B synch input
SYSREFM
23
I
Negative external SYSREF input
SYSREFP
22
I
Positive external SYSREF input
VCM
24
O
Common-mode voltage output for the analog inputs
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADC34J42 ADC34J43 ADC34J44 ADC34J45


Similar Part No. - ADC34J42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZ25 TI1-ADC34J22IRGZ25 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZR TI1-ADC34J22IRGZR Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZT TI1-ADC34J22IRGZT Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J23 TI1-ADC34J23 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADC34J42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com