Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162841ETPVCT Datasheet(PDF) 11 Page - Texas Instruments

Part # 74FCT162841ETPVCT
Description  20-Bit Latches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162841ETPVCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74FCT162841ETPVCT Datasheet HTML 7Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 8Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 9Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 10Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 11Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 12Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 13Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 14Page - Texas Instruments 74FCT162841ETPVCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - 74FCT162841ETPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162841ETPVCT TI-74FCT162841ETPVCT Datasheet
60Kb / 6P
[Old version datasheet]   20-Bit Latches
More results

Similar Description - 74FCT162841ETPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16841T TI-CY74FCT16841T Datasheet
60Kb / 6P
[Old version datasheet]   20-Bit Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT16373T TI1-CY74FCT16373T_15 Datasheet
697Kb / 13P
[Old version datasheet]   16-Bit Latches
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
[Old version datasheet]   8-Bit Latches
CY74FCT16373T TI-CY74FCT16373T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Latches
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74HC4724 TI-SN74HC4724 Datasheet
126Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com