Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162373ETPVCT Datasheet(PDF) 8 Page - Texas Instruments

Part # 74FCT162373ETPVCT
Description  16-Bit Latches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162373ETPVCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74FCT162373ETPVCT Datasheet HTML 4Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 5Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 6Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 7Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 8Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 9Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 10Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 11Page - Texas Instruments 74FCT162373ETPVCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Apr-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CY74FCT16373ETPVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
-40 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - 74FCT162373ETPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162373ETPVCT TI-74FCT162373ETPVCT Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Latches
More results

Similar Description - 74FCT162373ETPVCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16373T TI-CY74FCT16373T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Latches
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
logo
Maxwell Technologies
54LVTH162373 MAXWELL-54LVTH162373 Datasheet
205Kb / 10P
   3.3V 16-Bit Transparent D-Type Latches
logo
Toshiba Semiconductor
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
   16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT16841T TI-CY74FCT16841T Datasheet
60Kb / 6P
[Old version datasheet]   20-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT16841T TI1-CY74FCT16841T_15 Datasheet
1Mb / 20P
[Old version datasheet]   20-Bit Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com