Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74273 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74273
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74273 Datasheet(HTML) 5 Page - Texas Instruments

  SN74273 Datasheet HTML 1Page - Texas Instruments SN74273 Datasheet HTML 2Page - Texas Instruments SN74273 Datasheet HTML 3Page - Texas Instruments SN74273 Datasheet HTML 4Page - Texas Instruments SN74273 Datasheet HTML 5Page - Texas Instruments SN74273 Datasheet HTML 6Page - Texas Instruments SN74273 Datasheet HTML 7Page - Texas Instruments SN74273 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54273, SN54LS273, SN74273, SN74LS273
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SDLS090 – OCTOBER 1976 – REVISED MARCH 1988
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS273
SN74LS273
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = – 18 mA
–1.5
–1.5
V
VOH
High-level output voltage
VCC = MIN,
VIL = VILmax,
VIH = 2 V,
IOH = – 400 µA
2.5
3.4
2.7
3.4
V
VOL
Low level output voltage
VCC = MIN,
VIH = 2 V,
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
Low-level output voltage
CC
,
VIL = VILmax,
IH
,
IOL = 8 mA
0.35
0.5
V
II
Input current at
maximum input voltage
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
High-level input current
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
– 0.4
– 0.4
mA
IOS
Short-circuit output
current§
VCC = MAX
–20
– 100
–20
– 100
mA
ICC
Supply current
VCC = MAX,
See Note 2
17
27
17
27
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time and duration of short circuit should not exceed one second.
NOTE 2: With all outputs open and 4.5 V applied to all data and clear inputs, ICC is measured after a momentary ground, then 4.5 V, is applied
to clock.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum clock frequency
C
30
40
MHz
tPHL
Propagation delay time, high-to-low-level output from clear
CL = 15 pF,
RL =2kΩ
18
27
ns
tPLH
Propagation delay time, low-to-high-level output from clock
RL = 2 kΩ,
See Note 3
17
27
ns
tPHL
Propagation delay time, high-to-low-level output from clock
See Note 3
18
27
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74273 TI-SN74273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273 TI-SN74273 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273 TI1-SN74273 Datasheet
641Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74273N TI-SN74273N Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - SN74273

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com