Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4050BE Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD4050BE
Description  CMOS Hex Buffer/Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050BE Datasheet(HTML) 1 Page - Texas Instruments

  CD4050BE Datasheet HTML 1Page - Texas Instruments CD4050BE Datasheet HTML 2Page - Texas Instruments CD4050BE Datasheet HTML 3Page - Texas Instruments CD4050BE Datasheet HTML 4Page - Texas Instruments CD4050BE Datasheet HTML 5Page - Texas Instruments CD4050BE Datasheet HTML 6Page - Texas Instruments CD4050BE Datasheet HTML 7Page - Texas Instruments CD4050BE Datasheet HTML 8Page - Texas Instruments CD4050BE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
Data sheet acquired from Harris Semiconductor
SCHS046I
CD4049UB, CD4050B
CMOS Hex Buffer/Converters
The CD4049UB and CD4050B devices are inverting and
non-inverting hex buffers, respectively, and feature logic-
level conversion using only one supply voltage (VCC). The
input-signal high level (VIH) can exceed the VCC supply
voltage when these devices are used for logic-level
conversions. These devices are intended for use as CMOS
to DTL/TTL converters and can drive directly two DTL/TTL
loads. (VCC = 5V, VOL ≤ 0.4V, and IOL ≥ 3.3mA.)
The CD4049UB and CD4050B are designated as
replacements for CD4009UB and CD4010B, respectively.
Because the CD4049UB and CD4050B require only one
power supply, they are preferred over the CD4009UB and
CD4010B and should be used in place of the CD4009UB
and CD4010B in all inverter, current driver, or logic-level
conversion applications. In these applications the
CD4049UB and CD4050B are pin compatible with the
CD4009UB and CD4010B respectively, and can be
substituted for these devices in existing as well as in new
designs. Terminal No. 16 is not connected internally on the
CD4049UB or CD4050B, therefore, connection to this
terminal is of no consequence to circuit operation. For
applications not requiring high sink-current or voltage
conversion, the CD4069UB Hex Inverter is recommended.
Features
• CD4049UB Inverting
• CD4050B Non-Inverting
• High Sink Current for Driving 2 TTL Loads
• High-To-Low Level Logic Conversion
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Package
Temperature Range; 100nA at 18V and 25oC
5V, 10V and 15V Parametric Ratings
Applications
• CMOS to DTL/TTL Hex Converter
• CMOS Current “Sink” or “Source” Driver
• CMOS High-To-Low Logic Level Converter
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD4049UBF3A
-55 to 125
16 Ld CERDIP
CD4050BF3A
-55 to 125
16 Ld CERDIP
CD4049UBD
-55 to 125
16 Ld SOIC
CD4049UBDR
-55 to 125
16 Ld SOIC
CD4049UBDT
-55 to 125
16 Ld SOIC
CD4049UBDW
-55 to 125
16 Ld SOIC
CD4049UBDWR
-55 to 125
16 Ld SOIC
CD4049UBE
-55 to 125
16 Ld PDIP
CD4049UBNSR
-55 to 125
16 Ld SOP
CD4049UBPW
-55 to 125
16 Ld TSSOP
CD4049UBPWR
-55 to 125
16 Ld TSSOP
CD4050BD
-55 to 125
16 Ld SOIC
CD4050BDR
-55 to 125
16 Ld SOIC
CD4050UBDT
-55 to 125
16 Ld SOIC
CD4050BDW
-55 to 125
16 Ld SOIC
CD4050BDWR
-55 to 125
16 Ld SOIC
CD4050BE
-55 to 125
16 Ld PDIP
CD4050NSR
-55 to 125
16 Ld SOP
CD4050BPW
-55 to 125
16 Ld TSSOP
CD4050BPWR
-55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffix R denotes tape
and reel. The suffix T denotes a small-quantity reel of 250.
CD4049UB (PDIP, CERDIP, SOIC, SOP, TSSOP)
TOP VIEW
CD4050B (PDIP, CERDIP, SOIC, SOP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
NC
F
NC
K = E
E
J = D
D
L = F
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
NC
F
NC
K = E
E
J = D
D
L = F
August 1998 - Revised May 2004
[ /Title
(CD40
49UB,
CD405
0B)
/Sub-
ject
(CMO
S Hex
Buffer/
Con-
verters)
/Autho
r ()
/Key-
words
(Harris
Semi-
con-
ductor,
CD400
0,
metal
gate,
CMOS


Similar Part No. - CD4050BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4050BE TI-CD4050BE Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Harris Corporation
CD4050BE HARRIS-CD4050BE Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4050BE TI1-CD4050BE Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4050BE TI1-CD4050BE Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BE TI-CD4050BE Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Similar Description - CD4050BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com