Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4069UB-MIL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD4069UB-MIL
Description  CMOS Hex Inverter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4069UB-MIL Datasheet(HTML) 1 Page - Texas Instruments

  CD4069UB-MIL Datasheet HTML 1Page - Texas Instruments CD4069UB-MIL Datasheet HTML 2Page - Texas Instruments CD4069UB-MIL Datasheet HTML 3Page - Texas Instruments CD4069UB-MIL Datasheet HTML 4Page - Texas Instruments CD4069UB-MIL Datasheet HTML 5Page - Texas Instruments CD4069UB-MIL Datasheet HTML 6Page - Texas Instruments CD4069UB-MIL Datasheet HTML 7Page - Texas Instruments CD4069UB-MIL Datasheet HTML 8Page - Texas Instruments CD4069UB-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
A
1
2
VDD = Pin 14
VSS = Pin 7
F
G = A
B
H = B
C
I = C
L = F
E
K = E
D
J = D
3
4
5
6
9
8
11
10
13
12
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CD4069UB
SCHS054D – NOVEMBER 1998 – REVISED FEBRUARY 2016
CD4069UB CMOS Hex Inverter
1
1 Features
1
Standardized Symmetrical Output Characteristics
Medium Speed Operation: –tPHL, tPLH = 30 ns at
10 V (Typical)
100% Tested for Quiescent Current at 20 V
Maximum Input Current of 1 µA at 18 V Over Full
Package-Temperature Range, 100 nA at 18 V and
25°C
Meets All Requirements of JEDEC Tentative
Standard No. 13B, Standard Specifications for
Description of B Series CMOS Devices
2 Applications
Logic Inversion
Pulse Shaping
Oscillators
High-Input-Impedance Amplifiers
3 Description
The CD4069UB device consist of six CMOS inverter
circuits. These devices are intended for all general-
purpose inverter applications where the medium-
power
TTL-drive
and
logic-level-conversion
capabilities of circuits such as the CD4009 and
CD4049 hex inverter and buffers are not required.
Device Information(1)
PART NUMBER
PACKAGE
(PINS)
BODY SIZE (NOM)
CD4069UBE
PDIP (14)
19.30 mm × 6.35 mm
CD4069UBF
CDIP (14)
19.56 mm × 6.67 mm
CD4069UBM
SOIC (14)
8.65 mm × 3.91 mm
CD4069UBNSR
SO (14)
10.30 mm × 5.30 mm
CD4069UBPW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
CD4069UB Functional Diagram


Similar Part No. - CD4069UB-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UB TI-CD4069UB Datasheet
229Kb / 4P
[Old version datasheet]   CMOS HEX IVVERTER
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
   Inverter Circuits
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
   Inverter Circuits
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
96Kb / 7P
   Inverter Circuits
CD4069UBCM FAIRCHILD-CD4069UBCM Datasheet
78Kb / 6P
   Inverter Circuits
More results

Similar Description - CD4069UB-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com