Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4069UBM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD4069UBM
Description  CMOS Hex Inverter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4069UBM Datasheet(HTML) 2 Page - Texas Instruments

  CD4069UBM Datasheet HTML 1Page - Texas Instruments CD4069UBM Datasheet HTML 2Page - Texas Instruments CD4069UBM Datasheet HTML 3Page - Texas Instruments CD4069UBM Datasheet HTML 4Page - Texas Instruments CD4069UBM Datasheet HTML 5Page - Texas Instruments CD4069UBM Datasheet HTML 6Page - Texas Instruments CD4069UBM Datasheet HTML 7Page - Texas Instruments CD4069UBM Datasheet HTML 8Page - Texas Instruments CD4069UBM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
CD4069UB
SCHS054D – NOVEMBER 1998 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics – Dynamic......................... 5
6.6
Electrical Characteristics – Static.............................. 5
6.7
Typical Characteristics .............................................. 8
7
Parameter Measurement Information .................. 9
8
Detailed Description ............................................ 13
8.1
Overview ................................................................ 13
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description ................................................ 13
8.4
Device Functional Modes ....................................... 13
9
Application and Implementation ........................ 14
9.1
Application Information .......................................... 14
9.2
Typical Application ................................................. 14
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 16
11.1
Layout Guidelines ................................................ 16
11.2
Layout Example ................................................... 16
12
Device and Documentation Support ................. 17
12.1
Device Support...................................................... 17
12.2
Documentation Support ........................................ 17
12.3
Community Resource............................................ 17
12.4
Trademarks ........................................................... 17
12.5
Electrostatic Discharge Caution ............................ 17
12.6
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2003) to Revision D
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1


Similar Part No. - CD4069UBM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4069UBM NSC-CD4069UBM Datasheet
137Kb / 6P
   Inverter Circuits
logo
Texas Instruments
CD4069UBM TI-CD4069UBM Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
CD4069UBM96 TI-CD4069UBM96 Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
CD4069UBM96E4 TI-CD4069UBM96E4 Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
CD4069UBM96G4 TI-CD4069UBM96G4 Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
More results

Similar Description - CD4069UBM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com