Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4053B-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4053B-Q1
Description  CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053B-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4053B-Q1 Datasheet HTML 7Page - Texas Instruments CD4053B-Q1 Datasheet HTML 8Page - Texas Instruments CD4053B-Q1 Datasheet HTML 9Page - Texas Instruments CD4053B-Q1 Datasheet HTML 10Page - Texas Instruments CD4053B-Q1 Datasheet HTML 11Page - Texas Instruments CD4053B-Q1 Datasheet HTML 12Page - Texas Instruments CD4053B-Q1 Datasheet HTML 13Page - Texas Instruments CD4053B-Q1 Datasheet HTML 14Page - Texas Instruments CD4053B-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CD4051B-Q1, CD4052B-Q1, CD4053B-Q1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC−LEVEL CONVERSION
SCHS354A − AUGUST 2004 − REVISED JANUARY 2008
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTE: The A, B, C, and INH input logic levels are L = VSS and H = VDD. The analog signal (through the TG) may swing from VEE to VDD.
7
8
(B)
(C)
(D)
(A)
16
16
16
16
7
8
7
8
7
8
5 V
5 V
VSS = 0 V
VSS = 0 V
VSS = 0 V
VSS = 0 V
VEE = –5 V
VEE = –10 V
VEE = –7.5 V
VEE = 0 V
VDD = 15 V
VDD = 7.5 V
VDD = 5 V
VDD = 5 V
7.5 V
Figure 9. Typical Bias-Voltage Test Circuits
Figure 10. Channel Turned ON Waveforms
(RL = 1 kΩ)
tf = 20 ns
10%
10%
90%
50%
10%
50%
90%
10%
50%
90%
tr = 20 ns
Turn-Off Time
Turn-On Time
Figure 11. Channel Turned OFF Waveforms
(RL = 1 kΩ)
tf = 20 ns
10%
90%
50%
10%
50%
90%
10%
90%
tr = 20 ns
Turn-Off Time
Turn-On Time
tPHZ


Similar Part No. - CD4053B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4053B-Q1 TI-CD4053B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD4053B-Q1 TI-CD4053B-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4053B-Q1 TI1-CD4053B-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results

Similar Description - CD4053B-Q1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com