Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4042BDTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # CD4042BDTG4
Description  CMOS Quad Clocked D Latch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4042BDTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4042BDTG4 Datasheet HTML 7Page - Texas Instruments CD4042BDTG4 Datasheet HTML 8Page - Texas Instruments CD4042BDTG4 Datasheet HTML 9Page - Texas Instruments CD4042BDTG4 Datasheet HTML 10Page - Texas Instruments CD4042BDTG4 Datasheet HTML 11Page - Texas Instruments CD4042BDTG4 Datasheet HTML 12Page - Texas Instruments CD4042BDTG4 Datasheet HTML 13Page - Texas Instruments CD4042BDTG4 Datasheet HTML 14Page - Texas Instruments CD4042BDTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4042BDTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4042BDT TI-CD4042BDT Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
More results

Similar Description - CD4042BDTG4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4042BMS INTERSIL-CD4042BMS Datasheet
63Kb / 8P
   CMOS Quad Clocked “D” Latch
December 1992
logo
Texas Instruments
CD4042B TI-CD4042B Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
   QUAD CLOCKED D LATCH
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
   QUAD CLOCKED LATCH
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
   CMOS Quad Clocked ?쏡??Latch
December 1992
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
   QUAD CLOCKED D LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
KODENSHI_AUK CORP.
KK4042B KODENSHI-KK4042B Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4042B IKSEMICON-IW4042B Datasheet
235Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com