Electronic Components Datasheet Search |
|
MKP18391156635R Datasheet(PDF) 8 Page - Vishay Siliconix |
|
MKP18391156635R Datasheet(HTML) 8 Page - Vishay Siliconix |
8 / 12 page MKP1839 www.vishay.com Vishay Roederstein Revision: 10-Dec-13 8 Document Number: 26022 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of the free air ambient temperature. The power dissipation can be calculated according type detail specification “HQN-384-01/101: Technical Information Film Capacitors with the typical tgd of the curves”. The component temperature rise ( T) can be measured (see section “Measuring the component temperature” for more details) or calculated by T = P/G: • T = Component temperature rise (°C) • P = Power dissipation of the component (mW) • G = Heat conductivity of the component (mW/°C) MEASURING THE COMPONENT TEMPERATURE A thermocouple must be attached to the capacitor body as in: The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC). The temperature rise is given by T = T C - Tamb. To avoid radiation or convection, the capacitor should be tested in a wind-free box. APPLICATION NOTE AND LIMITING CONDITIONS These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors conforming the standards must be used. To select the capacitor for a certain application, the following conditions must be checked: 1. The peak voltage (UP) shall not be greater than the rated DC voltage (URDC) 2. The peak-to-peak voltage (UP-P) shall not be greater than the maximum (UP-P) to avoid the ionization inception level 3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URDC and divided by the applied voltage. For all other pulses following equation must be fulfilled: T is the pulse duration. 4. The maximum component surface temperature rise must be lower than the limits (see graph “Max. allowed component temperature rise”). 5. Since in circuits used at voltages over 280 V peak-to-peak the risk for an intrinsically active flammability after a capacitor breakdown (short circuit) increases, it is recommended that the power to the component is limited to 100 times the values mentioned in the table: “Heat conductivity” 6. When using these capacitors as across-the-line capacitor in the input filter for mains applications or as series connected with an impedance to the mains the applicant must guarantee that the following conditions are fulfilled in any case (spikes and surge voltages from the mains included). VOLTAGE CONDITIONS FOR 6 ABOVE ALLOWED VOLTAGES Tamb 85 °C 85 °C < Tamb 100 °C Maximum continuous RMS voltage URAC URAC Maximum temperature RMS-overvoltage (< 24 h) 1.25 x URAC 1.25 x URAC Maximum peak voltage (VO-P) (< 2 s) 1.6 x URDC 1.1 x URDC Thermocouple 2 x dU dt ------- 2 0 T x dt U RDC dU dt -------- rated |
Similar Part No. - MKP18391156635R |
|
Similar Description - MKP18391156635R |