Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH162525 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALVCH162525
Description  18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162525 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVCH162525_09 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 9Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 10Page - Texas Instruments SN74ALVCH162525_09 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH162525
18-BIT REGISTERED BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES058H – NOVEMBER 1995 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
120
125
150
MHz
tw
Pulse duration, CLK high or low
(1)
3.2
3.2
3
ns
A data before CLKAB
(1)
1.3
1.3
1.3
B data before CLK2BA
(1)
2.1
1.8
1.7
B data before CLK1BA
(1)
1.3
1.2
1.1
tsu
Setup time
SEL before CLK2BA
(1)
3.3
3.3
3.3
ns
CLKENAB before CLKAB
(1)
2.1
1.9
1.6
CLKENBA before CLK1BA
(1)
2.7
2.5
2.1
CLKENBA before CLK2BA
(1)
2.7
2.5
2.2
A data after CLKAB
(1)
0.7
0.4
0.9
B data after CLK2BA
(1)
0.4
0
0.6
B data after CLK1BA
(1)
0.8
0.4
1
th
Hold time
SEL after CLK2BA
(1)
0
0
0.1
ns
CLKENAB after CLKAB
(1)
0.1
0.3
0.3
CLKENBA after CLK1BA
(1)
0
0
0.1
CLKENBA after CLK2BA
(1)
0
0
0
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
120
125
150
MHz
CLKAB
B
(1)
1
5.5
5.4
1
4.7
tpd
ns
CLK2BA
A
(1)
1
4.5
4.4
1
4.2
OEBA
A
(1)
1
6.1
6.1
1
5.1
ten
ns
OEAB
B
(1)
1
6.7
6.8
1
5.7
OEBA
A
(1)
1
6.3
5.4
1
4.9
tdis
ns
OEAB
B
(1)
1
6.3
5.4
1
4.9
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
160
160
Cpd Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
pF
Outputs disabled
(1)
160
160
(1)
This information was not available at the time of publication.
7


Similar Part No. - SN74ALVCH162525_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162525DGG TI-SN74ALVCH162525DGG Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525DL TI-SN74ALVCH162525DL Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162525_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI1-SN74ALVCH16524_09 Datasheet
319Kb / 12P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC16501 TI-SN74AUC16501 Datasheet
236Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
   18-Bit Universal Bus Transceiver With 3-State Outputs
logo
Texas Instruments
SN74ALVCH16500 TI1-SN74ALVCH16500_08 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com