Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALB16244DLRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALB16244DLRG4
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALB16244DLRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALB16244DLRG4 Datasheet HTML 1Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 2Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 3Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 4Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 5Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 6Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 7Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 8Page - Texas Instruments SN74ALB16244DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74ALB16244
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS647D – AUGUST 1995 – REVISED JANUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of Texas Instruments’ Widebus
Family
D State-of-the-Art Advanced Low-Voltage
BiCMOS (ALB) Technology Design for 3.3-V
Operation
D Schottky Diodes on All Inputs to Eliminate
Overshoot and Undershoot
D Industry Standard ’16244 Pinout
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
description
The SN74ALB16244 16-bit buffer and line driver
is designed for high-speed, low-voltage (3.3-V)
VCC operation. This device is intended to replace
the conventional driver in any speed-critical path.
The small propagation delay is achieved using a
unity-gain amplifier on the input and feedback
resistors from input to output, which allows the
output to track the input with a small offset voltage.
The device can be used as four 4-bit buffers, two
8-bit buffers, or one 16-bit buffer. This device
provides true outputs and symmetrical active-low
output-enable (OE) inputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP
DL
Tube
SN74ALB16244DL
ALB16244
40
°Cto85°C
SSOP – DL
Tape and reel
SN74ALB16244DLR
ALB16244
–40
°C to 85°C
TSSOP – DGG
Tape and reel
SN74ALB16244DGGR
ALB16244
TVSOP – DGV
Tape and reel
SN74ALB16244DGVR
AV244
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ALB16244DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALB16244DLRG4 TI-SN74ALB16244DLRG4 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALB16244DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com