Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT1G04DBVRE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74AHCT1G04DBVRE4
Description  Single Inverter Gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AHCT1G04DBVRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AHCT1G04DBVRE4 Datasheet HTML 3Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 4Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 5Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 6Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 7Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 8Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 9Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 10Page - Texas Instruments 74AHCT1G04DBVRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
A
Y
SN74AHCT1G04
www.ti.com
SCLS319P – MARCH 1996 – REVISED DECEMBER 2014
9 Detailed Description
9.1 Overview
The SN74AHCT1G04 device contains one inverter. This device has TTL input levels that allow up translation
from 3.3 V to 5 V.
9.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
9.3 Feature Description
VCC is optimized at 5 V
Allows up voltage translation from 3.3 V to 5 V
Inputs accept VIH levels of 2 V
Slow edge rates minimize output ringing
Inputs are TTL-Voltage compatible
9.4 Device Functional Modes
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
L
L
H
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AHCT1G04


Similar Part No. - 74AHCT1G04DBVRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G04 PHILIPS-74AHCT1G04 Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
logo
Diodes Incorporated
74AHCT1G04 DIODES-74AHCT1G04 Datasheet
178Kb / 8P
   SINGLE INVERTER GATE
logo
Nexperia B.V. All right...
74AHCT1G04 NEXPERIA-74AHCT1G04 Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHCT1G04-Q100 NEXPERIA-74AHCT1G04-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHCT1G04GM NEXPERIA-74AHCT1G04GM Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
More results

Similar Description - 74AHCT1G04DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com