Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETL06 Datasheet(PDF) 8 Page - International Rectifier

Part # 15ETL06
Description  Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETL06 Datasheet(HTML) 8 Page - International Rectifier

  15ETL06 Datasheet HTML 1Page - International Rectifier 15ETL06 Datasheet HTML 2Page - International Rectifier 15ETL06 Datasheet HTML 3Page - International Rectifier 15ETL06 Datasheet HTML 4Page - International Rectifier 15ETL06 Datasheet HTML 5Page - International Rectifier 15ETL06 Datasheet HTML 6Page - International Rectifier 15ETL06 Datasheet HTML 7Page - International Rectifier 15ETL06 Datasheet HTML 8Page - International Rectifier 15ETL06 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
15ETL06, 15ETL06S, 15ETL06-1, 15ETL06FP
Bulletin PD-20695 rev. B 02/04
www.irf.com
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°
Outline Table
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (15 = 15A)
2
-
E
= Single Diode
3
-
T
= TO-220, D2Pak
4
-
L
= Ultra-low V
F HyperFast Recovery
5
-
Voltage Rating (06 = 600V)
6
-
"-1"
= TO-262 Option
S= D2Pak
None = TO-220AC
FP
= TO-220 FULLPACK
15
E
T
L
06
- 1
6
Conforms to JEDEC Outline TO-220 FULLPACK
Dimensions in millimeters and (inches)
Anode
1
3
Cathode


Similar Part No. - 15ETL06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETL06 IRF-15ETL06 Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
15ETL06 VISHAY-15ETL06 Datasheet
116Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 20-Jun-08
logo
International Rectifier
15ETL06 IRF-15ETL06 Datasheet
383Kb / 11P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Inchange Semiconductor ...
15ETL06 ISC-15ETL06 Datasheet
264Kb / 2P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETL06-1 VISHAY-15ETL06-1 Datasheet
132Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 08-Sep-08
More results

Similar Description - 15ETL06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06SPBF IRF-8ETL06SPBF Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06 IRF-8ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06 IRF-15ETL06_06 Datasheet
383Kb / 11P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06PBF IRF-8ETL06PBF Datasheet
236Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
Revision: 04-Apr-18
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com