Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC16240DL Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC16240DL
Description  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC16240DL Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC16240DL Datasheet HTML 1Page - Texas Instruments SN74AHC16240DL Datasheet HTML 2Page - Texas Instruments SN74AHC16240DL Datasheet HTML 3Page - Texas Instruments SN74AHC16240DL Datasheet HTML 4Page - Texas Instruments SN74AHC16240DL Datasheet HTML 5Page - Texas Instruments SN74AHC16240DL Datasheet HTML 6Page - Texas Instruments SN74AHC16240DL Datasheet HTML 7Page - Texas Instruments SN74AHC16240DL Datasheet HTML 8Page - Texas Instruments SN74AHC16240DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54AHC16240, SN74AHC16240
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS326G – MARCH 1996 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC16240
SN74AHC16240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5.3*
8.4*
1*
10*
1
10
ns
tPHL
A
Y
CL = 15 pF
5.3*
8.4*
1*
10*
1
10
ns
tPZH
OE
Y
CL =15 pF
6.6*
10.6*
1*
12.5*
1
12.5
ns
tPZL
OE
Y
CL = 15 pF
6.6*
10.6*
1*
12.5*
1
12.5
ns
tPHZ
OE
Y
CL =15 pF
7.8*
11.5*
1*
12.5*
1
12.5
ns
tPLZ
OE
Y
CL = 15 pF
7.8*
11.5*
1*
12.5*
1
12.5
ns
tPLH
A
Y
CL =50 pF
7.8
11.9*
1
13.5
1
13.5
ns
tPHL
A
Y
CL = 50 pF
7.8
11.9
1
13.5
1
13.5
ns
tPZH
OE
Y
CL =50 pF
9.1
14.1
1
16
1
16
ns
tPZL
OE
Y
CL = 50 pF
9.1
14.1
1
16
1
16
ns
tPHZ
OE
Y
CL =50 pF
10.3
14
1
16
1
16
ns
tPLZ
OE
Y
CL = 50 pF
10.3
14
1
16
1
16
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC16240
SN74AHC16240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
3.6*
6*
1*
7*
1
6.5
ns
tPHL
A
Y
CL = 15 pF
3.6*
6*
1*
7*
1
6.5
ns
tPZH
OE
Y
CL =15 pF
4.7*
7.3*
1*
8.5*
1
8.5
ns
tPZL
OE
Y
CL = 15 pF
4.7*
7.3*
1*
8.5*
1
8.5
ns
tPHZ
OE
Y
CL =15 pF
5.2*
7.2*
1*
8.5*
1
8.5
ns
tPLZ
OE
Y
CL = 15 pF
5.2*
7.2*
1*
8.5*
1
8.5
ns
tPLH
A
Y
CL =50 pF
5.1
8
1
9
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.1
8
1
9
1
8.5
ns
tPZH
OE
Y
CL =50 pF
6.2
9.3
1
10.5
1
10.5
ns
tPZL
OE
Y
CL = 50 pF
6.2
9.3
1
10.5
1
10.5
ns
tPHZ
OE
Y
CL =50 pF
6.7
9.2
1
10.5
1
10.5
ns
tPLZ
OE
Y
CL = 50 pF
6.7
9.2
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC16240DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC16240DL TI-SN74AHC16240DL Datasheet
127Kb / 8P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC16240DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com