Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ETS Datasheet(PDF) 4 Page - International Rectifier

Part # 10ETS
Description  INPUT RECTIFIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS Datasheet(HTML) 4 Page - International Rectifier

  10ETS Datasheet HTML 1Page - International Rectifier 10ETS Datasheet HTML 2Page - International Rectifier 10ETS Datasheet HTML 3Page - International Rectifier 10ETS Datasheet HTML 4Page - International Rectifier 10ETS Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
10ETS..
SAFEIR Series
Bulletin I2120 rev. A 07/97
Fig.9-ThermalImpedanceZ
thJC Characteristics
Fig.8-ForwardVoltageDropCharacteristics
1
10
100
0
0.5
1
1.5
2
2.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
10ETS.. Series
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Steady State Value
(DC Operation)
10ETS.. Series
Single Pulse


Similar Part No. - 10ETS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS08 IRF-10ETS08 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
10ETS08 VISHAY-10ETS08 Datasheet
186Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 22-Jul-10
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
   INPUT RECTIFIER DIODE TO-220 FULLPAK
logo
Vishay Siliconix
10ETS08FP VISHAY-10ETS08FP Datasheet
136Kb / 7P
   Input Rectifier Diode TO-220 FULL-PAK, 10 A
Revision: 23-Apr-08
More results

Similar Description - 10ETS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com