Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0733660067 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0733660067
Description  50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0733660067 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0733660067 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/25/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0733660067
Status:
Active
Overview:
MCX RF Connectors
Description:
50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
Height, Nickel (Ni) Plated Body, One Piece Per Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73366
Overview
MCX RF Connectors
Product Name
MCX
Style
PCB
UPC
800756723273
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
1.400/g
Orientation
Straight
PCB Mounting
Through Hole
PCB Thickness - Recommended
1.20mm
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73366-006, SD-73366-619
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73366 Series
This document was generated on 07/25/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0733660067

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733660067 MOLEX-0733660067 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Nickel (Ni) Plated Body, One Piece Per Bag
08/27/2022
0733660067 MOLEX-0733660067_V01 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Nickel (Ni) Plated Body, One Piece Per Bag
More results

Similar Description - 0733660067

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0733660068 MOLEX11-0733660068 Datasheet
60Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
0733660060 MOLEX11-0733660060 Datasheet
60Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
0733660061 MOLEX11-0733660061 Datasheet
60Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
0733660062 MOLEX11-0733660062 Datasheet
60Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
0733660069 MOLEX11-0733660069 Datasheet
60Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff
0733660061 MOLEX-0733660061_V01 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Gold (Au) Plated Body, Tray
0733660061 MOLEX-0733660061 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Gold (Au) Plated Body, Tray
08/26/2022
0733660060 MOLEX-0733660060_V01 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Nickel (Ni) Plated Body, Tray
0733660060 MOLEX-0733660060 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Nickel (Ni) Plated Body, Tray
08/27/2022
0733660062 MOLEX-0733660062 Datasheet
52Kb / 1P
   50 Ohms, MCX Jack Receptacle, Vertical, Straight, 7.10mm Height, 1.57mm Standoff Height, Nickel (Ni) Plated Body, Tape and Reel
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com