Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR14A-W2F-830 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR14A-W2F-830
Description  LINEAR light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14A-W2F-830 Datasheet(HTML) 4 Page - OSRAM GmbH

  LR14A-W2F-830 Datasheet HTML 1Page - OSRAM GmbH LR14A-W2F-830 Datasheet HTML 2Page - OSRAM GmbH LR14A-W2F-830 Datasheet HTML 3Page - OSRAM GmbH LR14A-W2F-830 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LINEARlight ADVANCED LR14A – 10.04.2012
Seite 4 von 4
www.osram.de/LED-Systeme
Product group
Product
EAN*
S-Unit*
LINEARlight ADVANCED
LR14A-W2F-830
4008321 978400
8
LINEARlight ADVANCED
LR14A-W2F-840
4008321 971531
8
CONNECTsystem feeder
LR-4PIN-500
4008321 971852
16
CONNECTsystem
LR-4CONN-45
4008321 971814
16
CONNECTsystem
LR-4CONN-250
4008321 994400
16
LINEARlight Track
LT-280
4008321 975966
8
LINEARlight Track
LT-560
4008321 975980
8
LINEARlight Track end caps
LT-ENDCAP
4008321 976109
16
LINEARlight Track Mounting bracket
LT-MB
4008321 994424
16
Optic Tray
OTR-280-LR14A/E
4008321 994448
8
Optic 30°
OPLR1x1-30
4008321 976000
140
Optic 80°
OPLR1x1-80
4008321 976024
140
Optic 20°x 50°
OPLR1x1-20x50
4008321 976048
140
Ordering Guide
Sales and Technical Support
*) EAN: Ordering number per single module; S-Unit: Modules per shipping unit
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
 A new approach to light
153 S006 GB
 OSRAM LED Systeme
www.osram.de/led-systeme
 OPTOTRONIC® Technical Guide
130 T008 DE www.osram.de/evg-downloads
 OPTOTRONIC® Data sheets
http://catalog.myosram.com
OSRAM AG
Hellabrunner Strasse 1
D - 81536 München Germany
www.osram.com
+49 (0)89 6213-0
Sales and technical support is given by the local
OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete address
and phone numbers.
 Eulumdat Files
www.osram.de/led-systeme-downloads
 New standards for LED control gear
www.osram.de/evg-downloads
Assembly Information
 The mounting of the module has to be done on a metal heat sink
 In order to optimize the thermal management the metal surface needs to be clean (dirt and oil free) and
planar for the best contact with the LED module.
 To connect one module, the feeder LR-4PIN-500 must be plugged in the "INPUT" side of the module.
for two or more modules, the "OUTPUT"-side of the first module must be connected with the "INPUT"-side
of following module via LR-4CONN-45 /-250. Please connect more boards as described above.


Similar Part No. - LR14A-W2F-830

ManufacturerPart #DatasheetDescription
logo
Energizer
LR14 ENERGIZER-LR14 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
logo
Seoul Semiconductor
LR140Z SEOUL-LR140Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LR141 SEOUL-LR141 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR141 SEOUL-LR141 Datasheet
360Kb / 13P
   CYAN LAMP LED
LR141 SEOUL-LR141 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LR14A-W2F-830

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS445 SHARP-IS445 Datasheet
66Kb / 2P
   LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
   LED Light Engine, 11??Linear Module
logo
Sharp Corporation
IS474 SHARP-IS474 Datasheet
66Kb / 5P
   Linear Output Type OPIC Light Detector
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
   Linear Output Type OPIC Light Detector
logo
List of Unclassifed Man...
98026 ETC2-98026 Datasheet
615Kb / 2P
   LED Light Engine, 23??Linear Module
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
List of Unclassifed Man...
98010 ETC2-98010 Datasheet
642Kb / 2P
   LED Light Engine, 22.7??Narrow Linear Module
logo
Shaanxi Reactor Micro...
RM9001A_30W REACTOR-RM9001A_30W Datasheet
302Kb / 2P
   High-voltage linear 220V/30W flood light solution
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com