Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCE6467T Datasheet(PDF) 8 Page - Texas Instruments

Part # VCE6467T
Description  Digital Media System-on-Chip
Download  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCE6467T Datasheet(HTML) 8 Page - Texas Instruments

Back Button VCE6467T Datasheet HTML 4Page - Texas Instruments VCE6467T Datasheet HTML 5Page - Texas Instruments VCE6467T Datasheet HTML 6Page - Texas Instruments VCE6467T Datasheet HTML 7Page - Texas Instruments VCE6467T Datasheet HTML 8Page - Texas Instruments VCE6467T Datasheet HTML 9Page - Texas Instruments VCE6467T Datasheet HTML 10Page - Texas Instruments VCE6467T Datasheet HTML 11Page - Texas Instruments VCE6467T Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 353 page
background image
VCE6467T, AVCE6467T
SPRS690 – MARCH 2011
www.ti.com
Table 2-1. Characteristics of the VCE6467T Processor (continued)
HARDWARE FEATURES
VCE6467T
Size (Bytes)
248KB RAM, 8KB ROM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
32KB L1 Data (L1D)/Cache (up to 32KB)
128KB Unified Mapped RAM/Cache (L2)
On-Chip Memory
Organization
ARM
16KB I-cache
8KB D-cache
32KB RAM
8KB ROM
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x1000
C64x+ Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
(address location: 0x0181 2000)
JTAGID Register
See Section 6.29.1, JTAG ID (JTAGID) Register
JTAG BSDL_ID
(address location: 0x01C4 0028)
Description(s)
DSP 1 GHz (-1G)
CPU Frequency
MHz
ARM926 500 MHz(-1G)
DSP 1.0 ns (-1G)
Cycle Time
ns
ARM926 2.0 ns (-1G)
Voltage
Core (V)
1.3 V (-1G)
I/O (V)
1.8 V, 3.3 V (-1G)
DEV_CLKIN frequency multiplier (PLLC1)
x1 (Bypass), x14 to x32 (-1G)
(Between 27 – 35-MHz range)
PLL Options
DEV_CLKIN frequency multiplier (PLLC2)
x1 (Bypass), x14 to x32 (-1G)
(Between 27 – 35-MHz range)
AUX_CLKIN frequency
24/48-MHz reference
BGA Package
19 x 19 mm
529-Pin BGA (ZUT)
Process Technology
μm
0.09
μm
Product Preview (PP),
Product Status(2)
Advance Information (AI),
PD
or Production Data (PD)
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
8
Device Overview
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): VCE6467T AVCE6467T


Similar Part No. - VCE6467T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCE6467T TI1-VCE6467T Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
VCE6467TZUTL1 TI1-VCE6467TZUTL1 Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
More results

Similar Description - VCE6467T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com