Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3000YFVT Datasheet(PDF) 4 Page - Texas Instruments

Part # CC3000YFVT
Description  Module ??Wi-Fi 802.11b/g Network Processor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000YFVT Datasheet(HTML) 4 Page - Texas Instruments

  CC3000YFVT Datasheet HTML 1Page - Texas Instruments CC3000YFVT Datasheet HTML 2Page - Texas Instruments CC3000YFVT Datasheet HTML 3Page - Texas Instruments CC3000YFVT Datasheet HTML 4Page - Texas Instruments CC3000YFVT Datasheet HTML 5Page - Texas Instruments CC3000YFVT Datasheet HTML 6Page - Texas Instruments CC3000YFVT Datasheet HTML 7Page - Texas Instruments CC3000YFVT Datasheet HTML 8Page - Texas Instruments CC3000YFVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CC3000
SWRS126 – NOVEMBER 2012
www.ti.com
Table 1. CC3000 Module Pins Description (continued)
Pin
Signal Name
Type
State at
State After
Voltage Level
Description
Reset
Reset
15
SPI_DIN
I
Hi-Z
PU
VIO_HOST
Host interface SPI data in
16
GND
GND
Ground
17
SPI_CLK
I
Hi-Z
PD
VIO_HOST
Host interface SPI clock
18
GND
GND
Ground
19
VBAT_IN
Power
VBAT
Power supply input, 2.7 to 4.8 V
20
GND
GND
Ground
21
EXT_32K
Not used. Connect to ground.
22
GND
GND
Ground
23
VIO_HOST
Power
VIO_HOST
VIO host supply voltage
24
Reserved 3
Reserved. Connect to test point.
25
GND
GND
Ground
26
VBAT_SW_EN
I
VIO_HOST
Module enable. Connect to host GPIO.
27
SDA_EEPROM(3)
I/O
1.8 V
I2C data line from EEPROM
28
SDA_CC3000(3)
I/O
1.8 V
I2C data line from the CC3000 module
29
SCL_EEPROM(4)
I/O
1.8 V
I2C clock line from EEPROM
30
SCL_CC3000(4)
I/O
1.8 V
I2C clock line from the CC3000
module
31
GND
GND
Ground
32
GND
GND
Ground
33
GND
GND
Ground
34
GND
GND
Ground
35
RF_ANT
RF
WLAN antenna port, 50-
Ω single
36
GND
GND
Ground
37
GND
GND
Ground
38
GND
GND
Ground
39
GND
GND
Ground
40
GND
GND
Ground
41
GND
GND
Ground
42
GND
GND
Ground
43
GND
GND
Ground
44
GND
GND
Ground
45
GND
GND
Ground
46
GND
GND
Ground
(3)
Connect SDA_EEPROM and SDA_CC3000 through a 0-
Ω resistor.
(4)
Connect SLC_EEPROM and SLC_CC3000 through a 0-
Ω resistor.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CC3000
Not Recommended For New Designs


Similar Part No. - CC3000YFVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000 TI-CC3000 Datasheet
41Kb / 3P
[Old version datasheet]   SimpleLink Wi-Fi CC3000 Module from Texas Instruments
CC3000-TIWI-SL TI1-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   2SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
More results

Similar Description - CC3000YFVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
[Old version datasheet]   TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
   Wi-Fi IEEE 802.11b/g/n Embedded
logo
Freescale Semiconductor...
TWR-ZGWIFI FREESCALE-TWR-ZGWIFI Datasheet
847Kb / 1P
   Tower System 802.11b Wi-Fi Module
logo
Silicon Laboratories
WF200 SILABS-WF200 Datasheet
885Kb / 38P
   Wi-Fi® Network Co-Processor
Rev. 1.1
logo
Texas Instruments
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
logo
Murata Manufacturing Co...
SN820X MURATA-SN820X Datasheet
155Kb / 2P
   Wi-Fi 802.11 b/g/n Network Controller Module
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
   Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
   Wi-Fi Module
logo
Texas Instruments
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
logo
Murata Manufacturing Co...
LBWA1ZZVK7-539 MURATA-LBWA1ZZVK7-539 Datasheet
612Kb / 26P
   802.11b/g module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com