Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2620F128RSMR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2620F128RSMR
Description  SimpleLink ZigBee RF4CE Wireless MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2620F128RSMR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2620F128RSMR Datasheet HTML 2Page - Texas Instruments CC2620F128RSMR Datasheet HTML 3Page - Texas Instruments CC2620F128RSMR Datasheet HTML 4Page - Texas Instruments CC2620F128RSMR Datasheet HTML 5Page - Texas Instruments CC2620F128RSMR Datasheet HTML 6Page - Texas Instruments CC2620F128RSMR Datasheet HTML 7Page - Texas Instruments CC2620F128RSMR Datasheet HTML 8Page - Texas Instruments CC2620F128RSMR Datasheet HTML 9Page - Texas Instruments CC2620F128RSMR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
CC2620
SWRS178C – FEBRUARY 2015 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2620
Device Comparison
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Package designator replaces the xxx in device name to form a complete device name, RGZ is 7-mm × 7-mm VQFN48, RHB is
5-mm × 5-mm VQFN32, and RSM is 4-mm × 4-mm VQFN32.
(2)
The CC2650 device supports all PHYs and can be reflashed to run all the supported standards.
3
Device Comparison
Table 3-1. Device Family Overview
DEVICE
PHY SUPPORT
FLASH
(KB)
RAM (KB)
GPIO
PACKAGE(1)
CC2650F128xxx
Multi-Protocol(2)
128
20
31, 15, 10
RGZ, RHB, RSM
CC2640F128xxx
Bluetooth low energy (Normal)
128
20
31, 15, 10
RGZ, RHB, RSM
CC2630F128xxx
IEEE 802.15.4 Zigbee(/6LoWPAN)
128
20
31, 15, 10
RGZ, RHB, RSM
CC2620F128xxx
IEEE 802.15.4 (RF4CE)
128
20
31, 10
RGZ, RSM
3.1
Related Products
Wireless Connectivity The wireless connectivity portfolio offers a wide selection of low power RF
solutions suitable for a broad range of application. The offerings range from fully customized
solutions to turn key offerings with pre-certified hardware and software (protocol).
Sub-1 GHz Long-range, low power wireless connectivity solutions are offered in a wide range of Sub-1
GHz ISM bands.
Companion Products Review products that are frequently purchased or used in conjunction with this
product.
SimpleLink™ CC2650 Wireless MCU LaunchPad™ Kit
The CC2650 LaunchPad kit brings easy
Bluetooth® Smart connectivity to the LaunchPad kit ecosystem with the SimpleLink ultra-low
power CC26xx family of devices. This LaunchPad kit also supports development for multi-
protocol support for the SimpleLink multi-standard CC2650 wireless MCU and the rest of
CC26xx family of products: CC2630 wireless MCU for ZigBee®/6LoWPAN and CC2640
wireless MCU for Bluetooth® Smart.
Reference Designs for CC2620 TI Designs Reference Design Library is a robust reference design library
spanning analog, embedded processor and connectivity. Created by TI experts to help you
jump-start your system design, all TI Designs include schematic or block diagrams, BOMs
and design files to speed your time to market. Search and download designs at
ti.com/tidesigns.


Similar Part No. - CC2620F128RSMR

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC2619-000 PANDUIT-CC2619-000 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
logo
Texas Instruments
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2630F128RGZR TI1-CC2630F128RGZR Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2630F128RGZT TI1-CC2630F128RGZT Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2630F128RHBR TI1-CC2630F128RHBR Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
More results

Similar Description - CC2620F128RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2630 TI-CC2630_15 Datasheet
1Mb / 50P
[Old version datasheet]   CC2630 SimpleLink 6LoWPAN / ZigBee Wireless MCU
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2650 TI-CC2650_15 Datasheet
1Mb / 52P
[Old version datasheet]   CC2650 SimpleLink Multistandard Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2662R-Q1 TI-CC2662R-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   CC2662R-Q1 SimpleLink??Wireless BMS MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com