Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2500-CC2550DK Datasheet(PDF) 5 Page - Texas Instruments

Part # CC2500-CC2550DK
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500-CC2550DK Datasheet(HTML) 5 Page - Texas Instruments

  CC2500-CC2550DK Datasheet HTML 1Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 2Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 3Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 4Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 5Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 6Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 7Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 8Page - Texas Instruments CC2500-CC2550DK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
CC2550
SWRS039B
Page 5 of 58
2
Operating Conditions
The
CC2550 operating conditions are listed in Table 2 below.
Parameter
Min
Max
Unit
Condition/Note
Operating temperature
–40
85
°C
Operating supply voltage
1.8
3.6
V
All supply pins must have the same voltage
Table 2: Operating Conditions
3
General Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Frequency range
2400
2483.5
MHz
Data rate
1.2
1.2
26
500
250
500
kBaud
kBaud
kBaud
2-FSK
GFSK and OOK
(Shaped) MSK (also known as differential offset QPSK)
Optional Manchester encoding (the data rate in kbps will
be half the baud rate).
Table 3: General Characteristics
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2550EM reference design
([3]).
Parameter
Min
Typ
Max
Unit
Condition/Note
200
nA
Voltage regulator to digital part off (SLEEP state). All GDO pins
programmed to 0x2F (HW to o)
Current consumption in power
down modes
160
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
1.4
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
7.3
mA
Only the frequency synthesizer is running (FSTXON state). This
current consumption is also representative for the other
intermediate states when going from IDLE to TX, including the
calibration state.
11.2
mA
Transmit mode, –12 dBm output power
14.7
mA
Transmit mode, -6 dBm output power
19.4
mA
Transmit mode, 0 dBm output power
Current consumption, TX states
21.3
mA
Transmit mode, +1 dBm output power
Table 4: Current Consumption


Similar Part No. - CC2500-CC2550DK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results

Similar Description - CC2500-CC2550DK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com